Electronic Components Datasheet Search
  English  ▼

X  

MAX4844 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4844
Description  Overvoltage Protection Controllers with Low Standby Current
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4844 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4844 Datasheet HTML 1Page - Maxim Integrated Products MAX4844 Datasheet HTML 2Page - Maxim Integrated Products MAX4844 Datasheet HTML 3Page - Maxim Integrated Products MAX4844 Datasheet HTML 4Page - Maxim Integrated Products MAX4844 Datasheet HTML 5Page - Maxim Integrated Products MAX4844 Datasheet HTML 6Page - Maxim Integrated Products MAX4844 Datasheet HTML 7Page - Maxim Integrated Products MAX4844 Datasheet HTML 8Page - Maxim Integrated Products MAX4844 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Overvoltage Protection Controllers with
Low Standby Current
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = +5V for MAX4843/MAX4844/MAX4845, VIN = +4V for MAX4846, CGATE = 500pF, TA = -40°C to +85°C, unless otherwise
noted. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN to GND ..............................................................-0.3V to +30V
GATE to GND ........................................................-0.3V to +12V
FLAG to GND ..........................................................-0.3V to +6V
Continuous Power Dissipation (TA = +70°C)
6-Pin µDFN (derate 2.1mW/°C above +70°C) .........167.7mW
Operating Temperature Range ..........................-40°C to +85°C
Junction Temperature .................................................... +150°C
Storage Temperature Range ............................-65°C to +150°C
Lead Temperature (soldering, 10s) ................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
VIN
1.2
28.0
V
MAX4843/MAX4844/MAX4845
3.9
4.15
4.4
Undervoltage Lockout Threshold
UVLO
VIN falling
MAX4846
2.3
2.5
2.7
V
MAX4843/MAX4844/MAX4845
41
Undervoltage Lockout Hysteresis
MAX4846
25
mV
MAX4843
7.0
7.4
7.8
MAX4844
6.0
6.35
6.7
MAX4845
5.5
5.8
6.1
Overvoltage Trip Level
OVLO
VIN rising
MAX4846
4.35
4.65
4.95
V
MAX4843
75
MAX4844
65
MAX4845
55
Overvoltage Lockout Hysteresis
MAX4846
50
mV
MAX4843/MAX4844/MAX4845
70
120
IN Supply Current
IIN
MAX4846
60
110
µA
VIN = 3.8V
MAX4843/MAX4844/MAX4845
10
22
UVLO Supply Current
IUVLO
VIN = 2.2V
MAX4846
8
18
µA
MAX4843/MAX4844/MAX4845
9
9.83
10
Gate Voltage
VGATE
1µA load
MAX4846
7.5
7.85
8.0
V
GATE Pulldown Current
IPD
VIN > OVLO, VGATE = 5.5V
10
27
mA
FLAG Output Low Voltage
VOL
ISINK = 1mA, FLAG deasserted
0.4
V
FLAG Leakage Current
VFLAG = 5.5V, FLAG asserted
1
µA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com