Electronic Components Datasheet Search
  English  ▼

X  

LTC4380 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4380
Description  Low Quiescent Current Surge Stopper
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4380 Datasheet(HTML) 3 Page - Linear Technology

  LTC4380 Datasheet HTML 1Page - Linear Technology LTC4380 Datasheet HTML 2Page - Linear Technology LTC4380 Datasheet HTML 3Page - Linear Technology LTC4380 Datasheet HTML 4Page - Linear Technology LTC4380 Datasheet HTML 5Page - Linear Technology LTC4380 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
dc2178af
DEMO MANUAL DC2178A
with an input voltage of 4.2V. For full performance in
12V cold crank applications, a logic-level rated MOSFET
is necessary for Q1.
Optional Components
Pads are provided for optional VCC bypassing at C1B (C1A
is stuffed with 2.2μF), and for optional timer capacitance
at CTMR2 (CTMR1 is stuffed with 10μF). C1B and CTMR2
are found on the bottom of the board.
An optional GATE pin clamp (D6) is also located on the
bottomoftheboard.Thisclampisnecessaryinapplications
where a large value gate capacitor (C2 ≥ 100nF) is used.
A 15V Zener is recommended for D6, to safely discharge
C2 during a hard short circuit.
Extra Holes
Five through-hole pads are included for the purpose of
attaching an off-board power stage comprising a MOS-
FET, gate suppression resistor, sense resistor and output
reservoir capacitor in high current applications, where the
components and current levels are not compatible with
the layout of DC2178A. The pads are labeled on the bot-
tom of the board and noted on the schematic as INPUT,
OUT, GATE, SNS and GND. Remove Q1 and RSNS. Make
short, direct connections between the through-hole pads
and the external components, and use SNS and OUT to
make Kelvin connections to the sense resistor. Depending
on the setup and MOSFET used, a snubber may be needed
between the MOSFET drain and the ground side of the
output reservoir capacitor, or between the MOSFET drain
and source terminals to suppress parasitic oscillations.
Small Turrets
No connection to any of the small turrets is necessary
to make the board operate—the LTC4380 defaults to the
ON state.
ON is pulled high internally. If this turret is left open, the
board will turn on when power is applied. Short this turret
to ground to turn off the LTC4380, or pulse low for at least
100μs to restart the LTC4380-1 (DC2178A-A) after a fault.
FLT pulls low when the LTC4380 faults off from an overcur-
rent or overvoltage condition. It is reset by pulling the ON
pin low for at least 100μs in the LTC4380-1 (DC2178A-A),
orafteracooldownintervalintheLTC4380-2(DC2178A-B).
FLT can sink up to 3mA.
Jumpers
Jumper JP1 sets the state of the SEL pin to select between
a 27V output clamp (SEL grounded) or a 45V output clamp
(SEL connected to OUT). The corresponding clamp volt-
age at the GATE pin is about 5V higher than these values.
Jumper JP2 disables the output LED (DLED) to facilitate
measurement of the LTC4380’s operating current.
Basic Test Setup
DANGER! High voltage testing shall be performed by
qualified personnel only. As a safety precaution at least
two people shall be present during high voltage testing.
Set the jumper, JP1, for 12V or 24V/48V operation, con-
nect a power supply to the input, and connect a load to
the output as shown in Figure 1. The circuit will turn on
automatically when power is applied, and the presence of
output power is indicated by the output LED.
To perform surge testing, add a diode (such as a 1N4004)
inserieswiththepowersupply.Couplethesurgegenerator
through a second diode to the input to test the clamping
action of DC2178A. The diodes protect the power supply
and surge generator against backfeeding.
To measure the operating current, disable the output LED
using JP2, and disconnect the load.
operating characteristics



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com