Electronic Components Datasheet Search
  English  ▼

X  

CA10252 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA10252
Description  ~25째 medium beam. Assembly with tape.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA10252 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA10252 Datasheet HTML 1Page - Ledil, Inc. CA10252 Datasheet HTML 2Page - Ledil, Inc. CA10252 Datasheet HTML 3Page - Ledil, Inc. CA10252 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
CA10252_TITANUM-O-M
TITANUM-O-M
~25° medium beam. Assembly with tape.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 26 mm
Height
14.9 mm
Fastening
tape
Colour
clear
Box size
480 x 280 x 300 mm
Box weight
7.5 kg
Quantity in Box
1001 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
TITANUM-O-M
Lens
PMMA
clear
SPUTNIK-TAPE
Tape
PU tape
black
Last update: 17/05/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CA10252

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA10252 CREE-CA10252 Datasheet
105Kb / 2P
Titanum series
More results

Similar Description - CA10252

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA10249 LEDIL-CA10249 Datasheet
2Mb / 4P
~25째 medium beam. 16.7 mm high assembly with installation tape.
CA10298 LEDIL-CA10298 Datasheet
2Mb / 4P
~25째 medium beam. 16.2 mm high assembly with installation tape.
CX15818 LEDIL-CX15818 Datasheet
3Mb / 5P
~25째 medium beam with holder and installation tape
FCA15008 LEDIL-FCA15008_18 Datasheet
7Mb / 4P
~25째 medium beam. Assembly with black holder and installation tape.
CA14941 LEDIL-CA14941 Datasheet
4Mb / 5P
~25째 medium beam. Assembly with location pins and installation tape.
C13459 LEDIL-C13459 Datasheet
2Mb / 4P
~25째 medium beam
CA14402 LEDIL-CA14402 Datasheet
2Mb / 5P
~25째 medium beam
FA16988 LEDIL-FA16988 Datasheet
4Mb / 4P
~25째 wide beam. Assembly with installation tape.
CA11181 LEDIL-CA11181 Datasheet
1Mb / 5P
~25째 spot beam. Assembly with installation tape.
CA12536 LEDIL-CA12536 Datasheet
5Mb / 10P
~25째 medium beam
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com