Electronic Components Datasheet Search
  English  ▼

X  

CA11173 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA11173
Description  ~35째 15째 oval beam optimized for Nichia NS6x83.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA11173 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA11173 Datasheet HTML 1Page - Ledil, Inc. CA11173 Datasheet HTML 2Page - Ledil, Inc. CA11173 Datasheet HTML 3Page - Ledil, Inc. CA11173 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
CA11173_TINA2-O
TINA2-O
~35°
15° oval beam optimized for Nichia
NS6x83. Assembly with holder and installation
tape.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 16.1 mm
Height
11 mm
Fastening
tape
Colour
black
Box size
451 x 241 x 298 mm
Box weight
9.3 kg
Quantity in Box
4140 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
TINA2-O
Lens
PMMA
clear
TINA2-HLD-N83-BLK
Holder
PC
black
TINA-TAPE3
Tape
PU tape
black
Last update: 15/05/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CA11173

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA11173 CREE-CA11173 Datasheet
409Kb / 7P
Tina series
More results

Similar Description - CA11173

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA11052 LEDIL-CA11052_18 Datasheet
3Mb / 7P
~35째 15째 oval beam optimized for CREE XP-E.
CA11053 LEDIL-CA11053 Datasheet
2Mb / 5P
~35째 15째 oval beam optimized for Nichia NCSxx19.
CA12047 LEDIL-CA12047_18 Datasheet
2Mb / 4P
~35째 15째 oval beam optimized for Osram Golden Dragon
CA10611 LEDIL-CA10611 Datasheet
3Mb / 4P
~45째 x 15째 oval beam optimized for Nichia NS6x83. Assembly with white holder.
CA12125 LEDIL-CA12125 Datasheet
4Mb / 4P
~45째 x 15째 oval beam optimized for Nichia NS6x83. Assembly with black holder.
CA13622 LEDIL-CA13622 Datasheet
2Mb / 4P
~45째 x 15째 oval beam optimized for Nichia NS6x83. G2 assembly with light, white holder.
CA13624 LEDIL-CA13624 Datasheet
4Mb / 4P
~45째 x 15째 oval beam optimized for Nichia NS6x83. Variant with beam direction rotated 90째.
CP12673 LEDIL-CP12673 Datasheet
2Mb / 4P
~35째 15째 oval beam optimized
CP12680 LEDIL-CP12680 Datasheet
2Mb / 4P
~35째 15째 oval beam optimized
CP17596 LEDIL-CP17596 Datasheet
1Mb / 4P
~35째 15째 oval beam
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com