Electronic Components Datasheet Search
  English  ▼

X  

CA12047 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA12047
Description  ~35째 15째 oval beam optimized for Osram Golden Dragon
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA12047 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA12047 Datasheet HTML 1Page - Ledil, Inc. CA12047 Datasheet HTML 2Page - Ledil, Inc. CA12047 Datasheet HTML 3Page - Ledil, Inc. CA12047 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
CA12047_TINA2-O
TINA2-O
~35°
15° oval beam optimized for Osram
Golden Dragon . Assembly with holder and
installation tape.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 16.1 mm
Height
10.1 mm
Fastening
tape
Colour
white
Box size
451 x 241 x 298 mm
Box weight
0 kg
Quantity in Box
4140 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
TINA2-O-PLUS-O
Lens
PMMA
TINA2-O-PLUS-HLD-WHT
Holder
PC
white
TINA-TAPE3
Tape
PU tape
black
Last update: 16/05/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CA12047

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA12047 LEDIL-CA12047 Datasheet
405Kb / 5P
Tina Assembly
More results

Similar Description - CA12047

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FA10642 LEDIL-FA10642_18 Datasheet
2Mb / 5P
~16째 diffused spot beam optimized for Osram Golden Dragon
FA10643 LEDIL-FA10643_18 Datasheet
3Mb / 4P
~30째 medium beam optimized for Osram Golden Dragon
CA11848 LEDIL-CA11848_18 Datasheet
2Mb / 4P
~30째 medium beam optimized for Osram Golden Dragon
CA10572 LEDIL-CA10572_18 Datasheet
1Mb / 4P
~45째 x 15째 oval beam optimized for Osram Golden Dragon . Assembly with white holder.
CP12689 LEDIL-CP12689 Datasheet
2Mb / 4P
~35째 15째 oval beam optimized for Osram Oslon SSL80. Assembly with holder.
FA10302 LEDIL-FA10302_18 Datasheet
3Mb / 4P
~45째 x 15째 oval beam optimized for Osram Golden Dragon . Assembly with white holder.
FA11199 LEDIL-FA11199_18 Datasheet
3Mb / 4P
~35째 x 15째 oval beam optimized for Osram Golden Dragon . Assembly with holder and installation tape.
CP12673 LEDIL-CP12673 Datasheet
2Mb / 4P
~35째 15째 oval beam optimized
CP12680 LEDIL-CP12680 Datasheet
2Mb / 4P
~35째 15째 oval beam optimized
CP11626 LEDIL-CP11626 Datasheet
1Mb / 4P
~15째 spot beam optimized for Golden Dragon
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com