Electronic Components Datasheet Search
  English  ▼

X  

IXFP34N60X2A Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXFP34N60X2A
Description  N-Channel Enhancement Mode Avalanche Rated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFP34N60X2A Datasheet(HTML) 2 Page - IXYS Corporation

  IXFP34N60X2A Datasheet HTML 1Page - IXYS Corporation IXFP34N60X2A Datasheet HTML 2Page - IXYS Corporation IXFP34N60X2A Datasheet HTML 3Page - IXYS Corporation IXFP34N60X2A Datasheet HTML 4Page - IXYS Corporation IXFP34N60X2A Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXFP34N60X2A
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065B1
6,683,344
6,727,585
7,005,734B2
7,157,338B2
by one or more of the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123B1
6,534,343
6,710,405B2
6,759,692
7,063,975B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728B1
6,583,505
6,710,463
6,771,478B2 7,071,537
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max
I
S
V
GS = 0V
34
A
I
SM
Repetitive, pulse Width Limited by T
JM
136
A
V
SD
I
F = IS, VGS = 0V, Note 1
1.4
V
t
rr
164
ns
Q
RM
1.2
μC
I
RM
14.4
A
I
F = 17A, -di/dt = 100A/μs
V
R = 100V
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max
g
fs
V
DS = 10V, ID = 0.5 • ID25, Note 1
12
20
S
R
Gi
Gate Input Resistance
0.8
C
iss
3230
pF
C
oss
V
GS = 0V, VDS = 25V, f = 1MHz
2000
pF
C
rss
2
pF
C
o(er)
130
pF
C
o(tr)
486
pF
t
d(on)
37
ns
t
r
60
ns
t
d(off)
64
ns
t
f
30
ns
Q
g(on)
56
nC
Q
gs
V
GS = 10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
19
nC
Q
gd
18
nC
R
thJC
0.23
C/W
R
thCS
0.50
C/W
Resistive Switching Times
V
GS = 10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
R
G = 10 (External)
Effective Output Capacitance
Energy related
Time related
V
GS = 0V
V
DS = 0.8 • VDSS
Notes: 1. Pulse test, t  300s, duty cycle, d  2%.
Pins: 1 - Gate
2 - Drain
3 - Source
TO-220 Outline



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com