Electronic Components Datasheet Search
  English  ▼

X  

MAX17524 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX17524
Description  4.5V to 60V, 3A, Dual-Output, High-Efficiency,Synchronous Step-Down DC-DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17524 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX17524 Datasheet HTML 16Page - Maxim Integrated Products MAX17524 Datasheet HTML 17Page - Maxim Integrated Products MAX17524 Datasheet HTML 18Page - Maxim Integrated Products MAX17524 Datasheet HTML 19Page - Maxim Integrated Products MAX17524 Datasheet HTML 20Page - Maxim Integrated Products MAX17524 Datasheet HTML 21Page - Maxim Integrated Products MAX17524 Datasheet HTML 22Page - Maxim Integrated Products MAX17524 Datasheet HTML 23Page - Maxim Integrated Products MAX17524 Datasheet HTML 24Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Coincident/ Ratiometric Tracking and Output
Voltage Sequencing
The soft-start pins (SS1 and SS2) can be used to track
the output voltages to that of another power supply at
startup. Figure 3 shows the independent soft-start of each
converter output. Figure 4 shows the coincident tracking
of the converter outputs. Figure 5 shows the ratiometric
tracking of the converter outputs. Figure 6 shows the out-
put voltage sequencing where converter 1 is the master.
Figure 3. Independent Soft-Start of Each Converter Output
Figure 4. Coincident Tracking of the Converter Outputs
SS1
SS2
MAX17524
TIME
VOUT1
VOUT2
LX1
VOUT1
FB1
R1
R2
LX2
C3
VOUT2
FB2
R3
R4
L1
L2
C4
SS1
SS2
VOUT1
MAX17524
VOUT1
VOUT2
TIME
R5 = R3/10
R6 = R4/10
R5
R6
www.maximintegrated.com
Maxim Integrated │ 21
MAX17524
4.5V to 60V, 3A, Dual-Output, High-Efficiency,
Synchronous Step-Down DC-DC Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com