Electronic Components Datasheet Search
  English  ▼

X  

MP5087 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP5087
Description  5.5V, 7A Low RDSON Load Switch with Current Monitoring
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5087 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP5087 Datasheet HTML 1Page - Monolithic Power Systems MP5087 Datasheet HTML 2Page - Monolithic Power Systems MP5087 Datasheet HTML 3Page - Monolithic Power Systems MP5087 Datasheet HTML 4Page - Monolithic Power Systems MP5087 Datasheet HTML 5Page - Monolithic Power Systems MP5087 Datasheet HTML 6Page - Monolithic Power Systems MP5087 Datasheet HTML 7Page - Monolithic Power Systems MP5087 Datasheet HTML 8Page - Monolithic Power Systems MP5087 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MP5087
5.5V, 7A Low RDSON Load Switch
with Current Monitoring
MP5087 Rev. 1.2
www.MonolithicPower.com
1
8/16/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
DESCRIPTION
The MP5087 is a load switch to provide 7A load
protection covering 0.5V to 5.5V voltage range.
With the small RDSON in tiny package, MP5087
provides very high efficient and space saving
solution in notebook and tablet or other portable
devices application.
The MP5087 equipped with the very accurate
current monitor function. The gain of the current
monitor can be scaled to different applications.
With the soft start function, the MP5087 can
avoid inrush current during circuit start up.
MP5087 also provides different functions, like
programmable soft start time, output discharge
function, OCP and thermal shutdown features.
Tiny
QFN-12
(2mmx2mm)
of
MP5087
is
available in space saving package.
FEATURES
 Large V
IN Range from 0.5V to 5.5V
 <1µA Shutdown Current
 Integrated 10mΩ Low RDSON FETs
 Typical 7A Load Current Range
 Output Current Monitoring Accurate High
to 3%
 Push Pull PG Indicator
 Adjustable Start Up Slew Rate
 Output Discharge Function
 <200ns Short-Circuitry Response Protection
 Thermal Protection
 Small QFN-12 (2mmx2mm) Package for
Space Saving
 Safety approvals
UL2361, file no. 20150402-E322138
APPLICATIONS
 Notebook and Tablet Computers
 Portable Devices
 Solid State Drivers
 Handheld Devices
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP5087

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP5087A MPS-MP5087A Datasheet
594Kb / 14P
5.5V, 7A Low RDSON Load Switch with Programmable Current Limit, Power Good, and Output Discharge Function
MP5087AGG MPS-MP5087AGG Datasheet
594Kb / 14P
5.5V, 7A Low RDSON Load Switch with Programmable Current Limit, Power Good, and Output Discharge Function
More results

Similar Description - MP5087

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ5073 MPS-MPQ5073 Datasheet
1Mb / 13P
5.5V, 2A Low RDSON Load Switch with Programmable Current Limit AEC-Q100 Qualified
MP5021 MPS-MP5021 Datasheet
966Kb / 19P
12V, 7mohm RDSon Hot-Swap Protection Device with Current Monitoring
MP5073 MPS-MP5073 Datasheet
972Kb / 16P
5.5V, 2A Low RDSON Load Switch With Programmable Current Limit
MP5077 MPS-MP5077 Datasheet
441Kb / 14P
5.5V, 7A, Low RDSON Load Switch With Programmable Current Limit
MP5083 MPS-MP5083 Datasheet
883Kb / 14P
5.5V, 2A Low RDSON Load Switch with Current Monitoring
MP5086 MPS-MP5086 Datasheet
808Kb / 14P
5.5V, 7A, Low RDSON Load Switch with Current Monitoring and NTC Comparator
MP5087A MPS-MP5087A Datasheet
594Kb / 14P
5.5V, 7A Low RDSON Load Switch with Programmable Current Limit, Power Good, and Output Discharge Function
MP5092 MPS-MP5092 Datasheet
425Kb / 15P
Dual 5.5V, 7.5A Programmable Current Low RDSON Load Switch with Output Discharge Function
logo
Semtech Corporation
SC33001A SEMTECH-SC33001A Datasheet
457Kb / 14P
3A Low VIN Ultra-Low Rdson Load Switch
logo
SG Micro Corp
SGM2564 SGMICRO-SGM2564 Datasheet
818Kb / 14P
5.5V, 4A, 16mΩ RON Load Switch with Reverse Current Protection
MAY2022-REV.A.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com