Electronic Components Datasheet Search
  English  ▼

X  

MP5090 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP5090
Description  Low IQ, Dual-Channel, 3A/2A Load Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5090 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP5090 Datasheet HTML 1Page - Monolithic Power Systems MP5090 Datasheet HTML 2Page - Monolithic Power Systems MP5090 Datasheet HTML 3Page - Monolithic Power Systems MP5090 Datasheet HTML 4Page - Monolithic Power Systems MP5090 Datasheet HTML 5Page - Monolithic Power Systems MP5090 Datasheet HTML 6Page - Monolithic Power Systems MP5090 Datasheet HTML 7Page - Monolithic Power Systems MP5090 Datasheet HTML 8Page - Monolithic Power Systems MP5090 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
MP5090 – LOW IQ, DUAL-CHANNEL, 3A/2A LOAD SWITCH
MP5090 Rev. 1.0
www.MonolithicPower.com
4
5/18/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 3.6V, VCC = 3.6V, TJ = -40°C to +125°C, Typical value is tested at TJ = +25°C. The
limit over temperature is guaranteed by characterization, unless otherwise noted.
Parameters
Symbol Condition
Min
Typ
Max
Units
Input and Supply Voltage Range
Input voltage
VIN1/2
0.5
5.5
V
Supply voltage
VCC
1.85
5.5
V
Supply Current (Single Channel)
Off state leakage current
IOFF
VIN = 5V, EN = 0, TJ = 25°C
1
µA
VCC standby current
ISTBY
VCC = 3.6V, EN = 0,
TJ = 25°C
0.1
1
µA
VCC = 3.6V, enable, no load
40
Power MOSFET
On resistance
RDSON1/2
TQFN, VCC = 5.0V, single
channel
20
mΩ
TQFN, VCC = 3.3V, single
channel
24
RDSON1/2
CSP, VCC = 5.0V, single
channel
30
CSP, VCC = 3.3V, single
channel
35
Thermal Shutdown and Recovery
Shutdown temperature
(5)
TSTD
155
°C
Hysteresis
(5)
THYS
30
°C
Under-Voltage Lockout (UVLO) Protection
VCC under-voltage lockout threshold VCC UVLO UVLO rising threshold
1.7
1.85
V
UVLO hysteresis
VUVLOHYS
100
mV
Soft Start (SS)
Vo rise time
Tss
Vo = 3.6V, 10% to 90%
30
μs
EN turn on time
TDELAY
30
μs
Enable (ENx)
EN rising threshold
VENH
1
1.2
V
EN hysteresis
VENHYS
200
mV
EN resistance
Between EN and GND
1
MΩ
ILIM
Current limit
(5)
ILIM
TQFN package, VCC = 5V,
TJ = 25°C
3.2
3.6
A
CSP package, VCC = 5V,
TJ = 25°C
2.1
2.5
A
Hiccup on time
TON
2
ms
Hiccup off time
TOFF
90
ms
Discharge Resistance (Single Channel)
Resistance
RDIS
50
Ω
NOTE:
7)
Guaranteed by characterization, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com