Electronic Components Datasheet Search
  English  ▼

X  

MP5090GC Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP5090GC
Description  Low IQ, Dual-Channel, 3A/2A Load Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5090GC Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP5090GC Datasheet HTML 6Page - Monolithic Power Systems MP5090GC Datasheet HTML 7Page - Monolithic Power Systems MP5090GC Datasheet HTML 8Page - Monolithic Power Systems MP5090GC Datasheet HTML 9Page - Monolithic Power Systems MP5090GC Datasheet HTML 10Page - Monolithic Power Systems MP5090GC Datasheet HTML 11Page - Monolithic Power Systems MP5090GC Datasheet HTML 12Page - Monolithic Power Systems MP5090GC Datasheet HTML 13Page - Monolithic Power Systems MP5090GC Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
MP5090 – LOW IQ, DUAL-CHANNEL, 3A/2A LOAD SWITCH
MP5090 Rev. 1.0
www.MonolithicPower.com
10
5/18/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
OPERATION
The MP5090 is designed to limit the inrush
current to the load when a circuit card is
inserted into a live backplane power source,
thereby limiting the backplane’s voltage drop
and the slew rate of the voltage to the load. The
MP5090 integrates dual load switches. Each
channel can provide 3A of current (for the
MP5090GQHT. The CSP package (MP5090GC)
can provide 2A of load capability. The MP5090
can
also
easily
parallel
both
channels
connected together to achieve a maximum 6A
load for the MP5090GQHT. The CSP package,
MP5090GC, can achieve 4A if the parallel is
used.
Enable (EN1, EN2)
When the input voltage is greater than the
under-voltage
lockout
threshold
(UVLO)
(typically 0.5V), and VCC is higher than 1.85V,
the MP5090 can be enabled by pulling EN
above 1.2V. Pull EN to ground to disable the
MP5090. The recommended start-up sequence
is to power up VCC and VIN first. After they are
ready, pull the EN voltage high.
Short-Circuit Protection (SCP)
If the load current increases rapidly due to a
short circuit, the current may exceed the current
limit threshold greatly before the control loop
can respond. If the current reaches an internal
secondary current limit level (about 5A), a fast
turn-off circuit activates to turn off the power
MOSFET. This limits the peak current through
the switch to limit the input voltage drop. The
total short-circuit response time is about 200ns.
Fast off keeps the power MOSFET off for about
80µs before turning it back on.
If the current limit block starts to regulate the
output current, the power loss on the power
MOSFET causes the IC temperature to rise.
Hiccup protection limits the current for 2ms and
turns it off for another 90ms for the thermal sink.
If the junction temperature rises high enough
during the hiccup on time, thermal shutdown is
triggered. After thermal shutdown, the output is
disabled until the over temperature fault is
removed. The over-temperature threshold is
155°C, and the hysteresis is 30°C.
Output Discharge
The MP5090 has an output discharge function.
The output discharge resistor is active when EN
or VCC is low. This function can discharge Vo
by pulling down the resistance internally when
the IC is disabled and the load is very light.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com