Electronic Components Datasheet Search
  English  ▼

X  

MP8110 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8110
Description  Precision High-Side Current-Sense Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8110 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8110 Datasheet HTML 1Page - Monolithic Power Systems MP8110 Datasheet HTML 2Page - Monolithic Power Systems MP8110 Datasheet HTML 3Page - Monolithic Power Systems MP8110 Datasheet HTML 4Page - Monolithic Power Systems MP8110 Datasheet HTML 5Page - Monolithic Power Systems MP8110 Datasheet HTML 6Page - Monolithic Power Systems MP8110 Datasheet HTML 7Page - Monolithic Power Systems MP8110 Datasheet HTML 8Page - Monolithic Power Systems MP8110 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MP8110
Precision High-Side
Current-Sense Amplifier
MP8110 Rev. 0.9
www.MonolithicPower.com
1
9/21/2007
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2007 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP8110 is a low-cost, precision, high-side
current-sense amplifier. This device operates
from a single 2.5V to 40V supply and typically
consumes 12µA. It is ideal for today’s notebook
computers, cell phones and other systems
where battery/DC current monitoring is critical.
High-side current monitoring is especially useful
in battery-powered systems since it does not
interfere with the ground path of the battery
charger. The input common-mode range of
1.4V to 40V is independent of the supply
voltage and ensures that the current-sense
feedback remains viable even when connected
to a 2-cell battery pack in deep discharge.
This device is available in 8-pin SOIC and
MSOP packages.
FEATURES
• Low-Cost, Compact Current-Sense Solution
• 12µA Typical Supply Current
• 2.5V to 40V Operating Supply Voltage
• 1.4V to 40V Input Common Mode Range
• 3µA Typical Shutdown Current
• 400µV Input Offset Voltage
• High Current Sensing Capability
• Integrated Buffer Amplifier
• Available in 8-Pin SOIC and MSOP packages,
APPLICATIONS
• Portable PCs
• PDA’s
• Smart Battery Packs
• Cell Phones
• Portable Test/Measurement Systems
• Battery-Operated Systems
• Energy Management Systems
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP8110
RG1
VCC
SHDN
GND
RG2
OUT2
OUT1
COUT
Opt.
CGS
100pF
VIN
+
10uF
0.1uF
SHUTDOWN
ON OFF
C5
ILOAD


Similar Part No. - MP8110

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8110DS MPS-MP8110DS Datasheet
153Kb / 4P
Precision High-Side Current Sense Amplifier
More results

Similar Description - MP8110

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1787 LINER-LT1787 Datasheet
205Kb / 12P
Precision, High Side Current Sense Amplifiers
logo
Maxim Integrated Produc...
MAX4172 MAXIM-MAX4172 Datasheet
95Kb / 8P
Low-Cost, Precision, High-Side Current-Sense Amplifier
Rev 0; 12/96
logo
Linear Technology
LT6100 LINER-LT6100 Datasheet
257Kb / 16P
Precision, Gain Selectable High Side Current Sense Amplifier
logo
Rohm
BD3181FVM ROHM-BD3181FVM Datasheet
171Kb / 6P
High-Side Current-Sense Amplifier
logo
Monolithic Power System...
MP8100 MPS-MP8100 Datasheet
209Kb / 5P
Precision High-Side Current-Sense Amplifier
logo
STMicroelectronics
TSC1021 STMICROELECTRONICS-TSC1021 Datasheet
161Kb / 12P
High-side current sense amplifier
23-Sep-2010
logo
Maxim Integrated Produc...
MAX4172 MAXIM-MAX4172_12 Datasheet
537Kb / 9P
Low-Cost, Precision, High-Side Current-Sense Amplifier
Rev 2; 10/12
logo
Linear Technology
LT6100 LINER-LT6100_15 Datasheet
1Mb / 18P
Precision, Gain Selectable High Side Current Sense Amplifier
logo
Monolithic Power System...
EV8110DS-00A MPS-EV8110DS-00A Datasheet
153Kb / 4P
Precision High-Side Current Sense Amplifier
logo
Maxim Integrated Produc...
MAX4172 MAXIM-MAX4172_V01 Datasheet
1Mb / 9P
Low-Cost, Precision, High-Side Current-Sense Amplifier
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com