Electronic Components Datasheet Search
  English  ▼

X  

MPM6010 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MPM6010
Description  36V, 1.5A, High-Efficiency Module, Synchronous, Step-Down LED Driver with Integrated Inductor AEC-Q100 Qualified
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPM6010 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MPM6010 Datasheet HTML 8Page - Monolithic Power Systems MPM6010 Datasheet HTML 9Page - Monolithic Power Systems MPM6010 Datasheet HTML 10Page - Monolithic Power Systems MPM6010 Datasheet HTML 11Page - Monolithic Power Systems MPM6010 Datasheet HTML 12Page - Monolithic Power Systems MPM6010 Datasheet HTML 13Page - Monolithic Power Systems MPM6010 Datasheet HTML 14Page - Monolithic Power Systems MPM6010 Datasheet HTML 15Page - Monolithic Power Systems MPM6010 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
MPM6010 – 36V, 1.5A, SYNCHRONOUS, STEP-DOWN, LED MODULE
MPM6010 Rev. 1.0
www.MonolithicPower.com
12
7/7/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 12V, Load = 2 series LED, VLED+ - VLED- = 2x3.0V @1.5A, FSW = 2.2MHz, TA = +25°C, unless
otherwise noted.
VOUT
2V/div.
VSW
5V/div.
IL
2A/div.
VEN
2V/div.
VOUT
2V/div.
VSW
5V/div.
IL
2A/div.
VEN
2V/div.
FAULT
5V/div.
VSW
5V/div.
IL
2A/div.
VOUT
5V/div.
FAULT
5V/div.
VSW
10V/div.
IL
1A/div.
ILED
1A/div.
FAULT
5V/div.
VSW
10V/div.
IL
1A/div.
ILED
1A/div.
FAULT
5V/div.
VSW
5V/div.
IL
2/div.
VOUT
5V/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com