Electronic Components Datasheet Search
  English  ▼

X  

DFK Datasheet(PDF) 4 Page - Schurter Inc.

Part # DFK
Description  Magnetically Compensated Choke, 1- and 3-phase
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

DFK Datasheet(HTML) 4 Page - Schurter Inc.

  DFK Datasheet HTML 1Page - Schurter Inc. DFK Datasheet HTML 2Page - Schurter Inc. DFK Datasheet HTML 3Page - Schurter Inc. DFK Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Suppression Chokes
DFK
https://www.schurter.com /PG81_82
EMC Products
Impedance curves
DFK-175-xxxx, DFK-20-xxxxx
10k
100k
1M
10M f [Hz]
z [
Ω]
1M
100k
10k
1k
100
10
DFK-175-0001
DFK-20-0001
DFK-20-0002
DFK-25-xxxx, DFK-40-xxxxx
10k
100k
1M
10M f [Hz]
z [
Ω]
1M
100k
10k
1k
100
10
DFK-25-0001
DFK-25-0002
DFK-40-0003
DFK-40-0004
DFK-40-0005
DFK-33-xxxx, DFK-48-xxxxx
10k
100k
1M
10M f [Hz]
z [
Ω]
1M
100k
10k
1k
100
10
DFK-33-0001
DFK-33-0002
DFK-48-0008
All Variants
In [A]
Ln [mH]
Rcu [mΩ] fRES [MHz]
Copper ø
[mm]
Weight [g]
Housings
Packing unit [pcs.]
Order Number
0.5
10
900
0.5
0.5
6 g
03
100
DFK-175-0001
1
10
500
0.7
0.6
12 g
07
150
DFK-20-0001
1
20
500
0.5
0.6
12 g
07
150
DFK-20-0002
1
10
510
0.5
0.6
18 g
11
50
DFK-25-0001
2
10
250
0.5
0.6
18 g
12
50
DFK-25-0002
2
20
250
0.3
0.6
37 g
20
45
DFK-33-0001
3
10
150
0.38
0.6
37 g
20
45
DFK-33-0002
6
4
27
0.4
-
127 g
25-2
10
DFK-40-0003
10
2
9
1.45
-
127 g
25-2
10
DFK-40-0004
15
1
10
1.45
2.5 x 2.5
127 g
25-2
10
DFK-40-0005
6
4 x 1.5
20
0.2
1.5 x 1.5
163 g
29-4
10
DFK-48-0008
Availability for all products can be searched real-time:https://www.schurter.com/en/Stock-Check/Stock-Check-SCHURTER
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com