Electronic Components Datasheet Search
  English  ▼

X  

PMS Datasheet(PDF) 3 Page - Schurter Inc.

Part # PMS
Description  Push button for PCB mounting
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

PMS Datasheet(HTML) 3 Page - Schurter Inc.

  PMS Datasheet HTML 1Page - Schurter Inc. PMS Datasheet HTML 2Page - Schurter Inc. PMS Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Switches
PMS
https://www.schurter.com /PG09
Switches
All Variants
IP Protection Class Front Side
Terminal
Type
Overall height / Color
Order Number
IP 40
-
Short actuator
-
1241.1602
IP 67
-
Short actuator
-
1241.1608
IP 40
-
Long actuator
-
1241.1614
IP 67
-
Long actuator
-
1241.1620
IP 40
-
Height variable
8.35 mm / yellow
1241.1624.1
IP 40
-
Height variable
14.35 mm / yellow + black
1241.1624.11
IP 40
-
Height variable
9.10 mm / orange
1241.1624.2
IP 40
-
Height variable
15.10 mm / orange + black
1241.1624.21
IP 40
-
Height variable
9.85 mm / red
1241.1624.3
IP 40
-
Height variable
15.85 mm / red + black
1241.1624.31
IP 40
-
Height variable
10.60 mm / blue
1241.1624.4
IP 40
-
Height variable
16.60 mm / blue + black
1241.1624.41
IP 40
-
Height variable
11.35 mm / green
1241.1624.5
IP 40
-
Height variable
17.35 mm / green + black
1241.1624.51
IP 40
-
Height variable
12.10 mm / grey
1241.1624.6
IP 40
-
Height variable
18.10 mm / grey + black
1241.1624.61
IP 40
-
Height variable
12.85 mm / black
1241.1624.7
IP 40
-
Height variable
18.85 mm / black + black
1241.1624.71
IP 40
-
Height variable
13.60 mm / white
1241.1624.8
IP 40
-
Height variable
19.60 mm / white + black
1241.1624.81
IP 67
-
Height variable
8.35 mm / yellow
1241.1625.1
IP 67
-
Height variable
14.35 mm / yellow + black
1241.1625.11
IP 67
-
Height variable
9.10 mm / orange
1241.1625.2
IP 67
-
Height variable
15.10 mm / orange + black
1241.1625.21
IP 67
-
Height variable
9.85 mm / red
1241.1625.3
IP 67
-
Height variable
15.85 mm / red + black
1241.1625.31
IP 67
-
Height variable
10.60 mm / blue
1241.1625.4
IP 67
-
Height variable
16.60 mm / blue + black
1241.1625.41
IP 67
-
Height variable
11.35 mm / green
1241.1625.5
IP 67
-
Height variable
17.35 mm / green + black
1241.1625.51
IP 67
-
Height variable
12.10 mm / grey
1241.1625.6
IP 67
-
Height variable
18.10 mm / grey + black
1241.1625.61
IP 67
-
Height variable
12.85 mm / black
1241.1625.7
IP 67
-
Height variable
18.85 mm / black + black
1241.1625.71
IP 67
-
Height variable
13.60 mm / white
1241.1625.8
IP 67
-
Height variable
19.60 mm / white + black
1241.1625.81
Availability for all products can be searched real-time:https://www.schurter.com/en/Stock-Check/Stock-Check-SCHURTER
Starting with 14:50 mm the heights are realized with an additional (second) elongated button in black color
Packaging unit
loose in boxes (100 pcs.)
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com