Electronic Components Datasheet Search
  English  ▼

X  

SMS Datasheet(PDF) 1 Page - Schurter Inc.

Part # SMS
Description  Print and SMD Switch Short Stroke 11.4 mm
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

SMS Datasheet(HTML) 1 Page - Schurter Inc.

  SMS Datasheet HTML 1Page - Schurter Inc. SMS Datasheet HTML 2Page - Schurter Inc. SMS Datasheet HTML 3Page - Schurter Inc. SMS Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Switches
SMS
https://www.schurter.com /PG09
Switches
Print and SMD Switch Short Stroke 11.4 mm
SMS with Gullwing lead, IP40
SMS with adapter and elongated button, J-lead
See below:
Approvals and Compliances
Description
- Switches are possible with different heights
- High-quality gold and silver contacts
- Solder terminals
Unique Selling Proposition
- Reliable tactile feedback on input
- Simple assembly
- Long life time
Weblinks
html-datasheet, General Product Information, CAD-Drawings, Product
News, Detailed request for product
Technical Data
Electrical Data
Switching Voltage
30 VAC/ 42 VDC
Switching Current
50 mA
Rated Switching Capacity
0.12 W
Lifetime
> 1 million actuations at Rated Swit-
ching Capacity
Contact Resistance
< 50 m
Ω
␣
< 150 m
Ω after lifetime
Insulation Resistance
> 100 M
Ω
Duration of Bounce
typ. 0.15 ms
Mechanical Data
Actuating Force
IP 40: 1.8 ± 0.4 N
␣
IP 67: 2.2 ± 0.4 N
Actuating Travel
0.35 ± 0.1 mm
End Stop Strength
< 100 N
Lifetime
> 1 million actuations
Climatical Data
Operating Temperature
-40 °C to 85 °C
Storage Temperature
-40 °C to 85 °C
IP-Protection
IP 40 and IP 67
Soldering Data
Soldering Methods
Reflow
Solderability
245 °C / 5 sec (IEC 60068-2-58 Test Td)
Resistance to Soldering Heat
260 °C / 10 sec (IEC 60068-2-58 Test
Td)
Material
Sealing membrane IP 67
VMQ
Contact Material Gold
CuZn37 1.5
μm Ni 0.5 μm Au
Terminals
CuZn37 8 µm SnPb
Socket
Thermoplastic (PA 4.6)
Actuator
Thermoplastic (PPS)
Cover of Actuator
X 12 CrNi 17 7
Elongated Button
Thermoplastic (PC)
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
Application standards
Application standards where the product can be used
Organization
Design
Standard
Description
Designed for applications acc.
IEC/UL 60950
IEC 60950-1 includes the basic requirements for the safety of information
technologyequipment.


Similar Part No. - SMS

ManufacturerPart #DatasheetDescription
logo
Isabellenhütte Heu...
SMS ISABELLENHUETTE-SMS Datasheet
1Mb / 5P
Precision resistors
logo
Schurter Inc.
SMS SCHURTER-SMS Datasheet
334Kb / 4P
Print and SMD Switch Short Stroke 11.4 mm
04.01.2022
logo
Adam Technologies, Inc.
SMS-001-GT ADAM-TECH-SMS-001-GT Datasheet
57Kb / 1P
PIN RECEPTACLES
logo
Projects Unlimited, Inc...
SMS-1308MS-2-R PUI-SMS-1308MS-2-R Datasheet
215Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
logo
PUI audio inc.
SMS-1308MS-2-R PUIAUDIO-SMS-1308MS-2-R Datasheet
335Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
More results

Similar Description - SMS

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
MCS18FRONT SCHURTER-MCS18FRONT Datasheet
390Kb / 4P
Membrane Switch Frontpanel Short Stroke 18 mm
MTG SCHURTER-MTG Datasheet
255Kb / 3P
Printmount Switch Short Stroke 12.7 mm
MCS19 SCHURTER-MCS19 Datasheet
638Kb / 6P
Metal Switch Short Stroke
1301.9307 SCHURTER-1301.9307 Datasheet
457Kb / 4P
Print and SMD Switch 6x6
01.12.2020
MCS16 SCHURTER-MCS16_V01 Datasheet
750Kb / 6P
Metal Switch Short Stroke
05.01.2022
MCS19 SCHURTER-MCS19_V02 Datasheet
647Kb / 6P
Metal Switch Short Stroke
05.01.2022
MCS18FRONT SCHURTER-MCS18FRONT_V01 Datasheet
396Kb / 4P
Membrane Switch Frontpanel Short Stroke 18 mm
04.01.2022
1301.9301 SCHURTER-1301.9301_V01 Datasheet
484Kb / 4P
Print and SMD Switch 6x6
04.01.2022
MTG SCHURTER-MTG_V01 Datasheet
269Kb / 3P
Printmount Switch Short Stroke 12.7 mm
04.01.2022
SMS SCHURTER-SMS_V01 Datasheet
334Kb / 4P
Print and SMD Switch Short Stroke 11.4 mm
04.01.2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com