Electronic Components Datasheet Search
  English  ▼

X  

TPS65014RGZ Datasheet(PDF) 39 Page - Texas Instruments

Part # TPS65014RGZ
Description  POWER AND BATTERY MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65014RGZ Datasheet(HTML) 39 Page - Texas Instruments

Back Button TPS65014RGZ Datasheet HTML 35Page - Texas Instruments TPS65014RGZ Datasheet HTML 36Page - Texas Instruments TPS65014RGZ Datasheet HTML 37Page - Texas Instruments TPS65014RGZ Datasheet HTML 38Page - Texas Instruments TPS65014RGZ Datasheet HTML 39Page - Texas Instruments TPS65014RGZ Datasheet HTML 40Page - Texas Instruments TPS65014RGZ Datasheet HTML 41Page - Texas Instruments TPS65014RGZ Datasheet HTML 42Page - Texas Instruments TPS65014RGZ Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
www.ti.com
SERIAL INTERFACE
Data Line
Stable
Data Valid
Change
of Data
Allowed
DATA
CLK
S
P
START Condition
STOP Condition
CE
DATA
CLK
TPS65014
SLVS551 – DECEMBER 2004
The serial interface is compatible with the standard and fast mode I
2C specifications, allowing transfers at up to
400 kHz. The interface adds flexibility to the power supply solution, enabling most functions to be programmed to
new values depending on the instantaneous application requirements and charger status to be monitored.
Register contents remain intact as long as VCC remains above 2 V. The TPS65014 has a 7-bit address with the
LSB set by the IFLSB pin; this allows the connection of two devices with the same address to the same bus. The
6 MSBs are 100100. Attempting to read data from register addresses not listed in this section results in FFh
being read out.
For normal data transfer, DATA is allowed to change only when CLK is low. Changes when CLK is high are
reserved for indicating the start and stop conditions. During data transfer, the data line must remain stable
whenever the clock line is high. There is one clock pulse per bit of data. Each data transfer is initiated with a start
condition and terminated with a stop condition. When addressed, the TPS65014 device generates an
acknowledge bit after the reception of each byte. The master device (microprocessor) must generate an extra
clock pulse that is associated with the acknowledge bit. The TPS65014 device must pull down the DATA line
during the acknowledge clock pulse so that the DATA line is a stable low during the high period of the
acknowledge clock pulse. The DATA line is a stable low during the high period of the acknowledge-related clock
pulse. Setup and hold times must be taken into account. During read operations, a master must signal the end of
data to the slave by not generating an acknowledge bit on the last byte that was clocked out of the slave. In this
case, the slave TPS65014 device must leave the data line high to enable the master to generate the stop
condition.
The I
2C interface accepts data as soon as the voltage at V
CC is higher than the undervoltage lockout threshold
and one power rail of the converter (main, core, or one of the LDOs) is operating. Therefore, the I
2C interface is
not operating after applying the battery voltage as the device automatically enters the WAIT mode with all rails
off.
When the device is in WAIT mode, the I
2C registers are reset to their default values if all voltage rails are off. If
the device is in WAIT mode and one power rail is left on, the I
2C interface is operating and the registers are not
reset after leaving the WAIT mode.
Figure 39. Bit Transfer on the Serial Interface
Figure 40. START and STOP Conditions
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com