Electronic Components Datasheet Search
  English  ▼

X  

UT69RH051 Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # UT69RH051
Description  Radiation-Hardened MicroController
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT69RH051 Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  UT69RH051 Datasheet HTML 1Page - Aeroflex Circuit Technology UT69RH051 Datasheet HTML 2Page - Aeroflex Circuit Technology UT69RH051 Datasheet HTML 3Page - Aeroflex Circuit Technology UT69RH051 Datasheet HTML 4Page - Aeroflex Circuit Technology UT69RH051 Datasheet HTML 5Page - Aeroflex Circuit Technology UT69RH051 Datasheet HTML 6Page - Aeroflex Circuit Technology UT69RH051 Datasheet HTML 7Page - Aeroflex Circuit Technology UT69RH051 Datasheet HTML 8Page - Aeroflex Circuit Technology UT69RH051 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
Figure 3. Internal Data Memory Organization
2.1.3 Reset
The reset input is the RST pin. To reset, hold the RST pin high
for a minimum of 24 oscillator periods while the oscillator is
running. The CPU generates an internal reset from the external
signal. The port pins are driven to the reset state as soon as a valid
high is detected on the RST pin.
While RST is high, PSEN and the port pins are pulled high; ALE
is pulled low. All SFRs are reset to their reset values as shown
in table 3. The internal Data Memory content is indeterminate.
The processor will begin operation one machine cycle after the
RST line is brought low. A memory access occurs immediately
after the RST line is brought low, but the data is not brought into
the processor. The memory access repeats on the next machine
cycle and actual processing begins at that time.
F8
F0
88
80
78
70
38
30
28
20
18
10
08
00
FF
F7
8F
87
7F
77
3F
37
2F
27
1F
17
0F
07
INDIRECT
ACCESS
ONLY
DIRECT OR
INDIRECT
ACCESS
SCRATCH
PAD AREA
BIT
ADDRESSABLE
SEGMENT
REGISTER
BANKS
8 BYTES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com