Electronic Components Datasheet Search
  English  ▼

X  

EV0015 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # EV0015
Description  3A MP1583 Step Down Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV0015 Datasheet(HTML) 2 Page - Monolithic Power Systems

  EV0015 Datasheet HTML 1Page - Monolithic Power Systems EV0015 Datasheet HTML 2Page - Monolithic Power Systems EV0015 Datasheet HTML 3Page - Monolithic Power Systems EV0015 Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EV0015
3A MP1583
Step Down Converter
EV0015 Rev 1.0_11/21/02
www.monolithicpower.com
2
Monolithic Power Systems
Figure 2: EV0015 Evaluation Board Schematic
This board accommodates most commonly used Inductors and Output Capacitors and can be programmed for
most standard Output Voltages. See the MP1583 datasheet for information on re-programming the output
voltage.
C2
10
µF/35v
C5
22
µF
10V
R3
10K
Ω
C4
100pF
C1
10nF
C3
10nF
R1
10.5K
Ω
R2
10K
Ω
C6 = NS
U1
CN1
J1
R4 = NS
R5 = NS
C7 = NS
CN2
L1
15
µH
D1
B340
EN
SS
GND
VIN
VOUT
VOUT
GND
GND
1
2 3
Note: NS = No Stuff
Not Applicable to this circuit
Board Operation
This output voltage of this board is set to 2.5V. The board layout accommodates most commonly used inductors
and output capacitors.
1.
Attach positive end of load to VOUT pins and negative end of load to GND pins of connector CN2.
2.
Attach input voltage (VIN) and input ground (GND) to Pin 1 and 2 of connector CN1 respectively. Note
VIN must be 4.75V < VIN < 25V.
3.
Applying a voltage greater than 2.495V to pin 4 of CN1 enables the MP1580. Leave the input
unconnected if unused.
An Under Voltage Lockout (UVLO) function can be implemented by the
addition of a resistor divider from VIN to GND. For complete low current shutdown its needs to be
less than 0.7V.
4.
To use Enable function stuff R4 with a 10K
Ω resistor and connect pins 1 and 2 of Jumper J1.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com