Electronic Components Datasheet Search
  English  ▼

X  

MP020-5GS Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP020-5GS
Description  85VAC~265VAC/50Hz, 5V/1A Off-line Primary-side-Regulator Cell phone Charger Evaluation Board
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP020-5GS Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP020-5GS Datasheet HTML 7Page - Monolithic Power Systems MP020-5GS Datasheet HTML 8Page - Monolithic Power Systems MP020-5GS Datasheet HTML 9Page - Monolithic Power Systems MP020-5GS Datasheet HTML 10Page - Monolithic Power Systems MP020-5GS Datasheet HTML 11Page - Monolithic Power Systems MP020-5GS Datasheet HTML 12Page - Monolithic Power Systems MP020-5GS Datasheet HTML 13Page - Monolithic Power Systems MP020-5GS Datasheet HTML 14Page - Monolithic Power Systems MP020-5GS Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
EV020-5-S-00A – UNIVERSAL INPUT, 5W CELL PHONE CHARGER
EV020-5-S-00A Rev.1.02
www.MonolithicPower.com
11
11/28/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Conducted EMI Test
Test with 230Vac input and full load condition
CLRWR
2 AV
SGL
TDS
6DB
1 MHz
10 MHz
0
10
20
30
40
50
60
70
80
90
100
110
120
EN55022A
EN55022Q
1 PK
CLRWR
Att 10 dB
RBW
120 kHz
MT
100 ms
PREAMP OFF
150 kHZ
30 MHZ
230Vac, 50Hz, Maximum Load, L Line, Output GND floats, EN55022 Limits
SGL
TDS
6DB
1 MHz
10 MHz
0
10
20
30
40
50
60
70
80
90
100
110
120
EN55022A
EN55022Q
CLRWR
2 AV
1 PK
CLRWR
Att
10
dB
RBW
9
kHZ
MT
20
ms
PREAMP
OFF
150
kHz
30
MHz
230Vac, 50Hz, Maximum Load, N Line, Output GND floats, EN55022 Limits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com