Electronic Components Datasheet Search
  English  ▼

X  

MP020-5GS Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP020-5GS
Description  85VAC~265VAC/50Hz, 12V/0.7A Off-line Primary-Side-Regulator Home Appliances Evaluation Board
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP020-5GS Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP020-5GS Datasheet HTML 2Page - Monolithic Power Systems MP020-5GS Datasheet HTML 3Page - Monolithic Power Systems MP020-5GS Datasheet HTML 4Page - Monolithic Power Systems MP020-5GS Datasheet HTML 5Page - Monolithic Power Systems MP020-5GS Datasheet HTML 6Page - Monolithic Power Systems MP020-5GS Datasheet HTML 7Page - Monolithic Power Systems MP020-5GS Datasheet HTML 8Page - Monolithic Power Systems MP020-5GS Datasheet HTML 9Page - Monolithic Power Systems MP020-5GS Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
EV020-5-S-00B – UNIVERSAL INPUT, 8.4W HOME APPLIANCES
EV020-5-S-00B Rev.1.02
www.MonolithicPower.com
6
8/28/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
EV020-5-S-00B BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer
Manufacturer_P/N
2
C1,C2
10μF
Capacitor;400V;20%
DIP
Ltec
TY 10uF/400V
1
C3
1nF
Ceramic
Capacitor;630V;X7R
1206
Murata
GRM31A7U2J102JW31D
1
C4
0Ω
Film Resistor;5%
0603
Yageo
RC0603JR-070RL
1
C5
100nF
Ceramic
Capacitor;50V;X7R;
0603
Murata
GCJ188R71H104KA12D
1
C6
22μF
Electrolytic Capacitor;50V
DIP
Jianghai
CD281L-50V22
1
C7
1.2nF
Ceramic
Capacitor;100V;X7R
0603
muRata
GRM188R72A122KA01D
2
C8,C9
470μF
Electrolytic
Capacitor;25V,Low ESR
DIP
Rubycon
25ZLF470MEFC10X12.5
1
C10
1μF
Ceramic
Capacitor;25V;X7R
0603
Murata
GRM188R71E105KA12D
1
C11
NC
1
CY1
2.2nF
Y Capacitor; 250V
DIP
Hongke
JNK12E222ML02N
1
CR1
MB6F
Diode;600V;0.5A
SOP-4
Diodes
MB6F
1
D1
FR107
Diode;1000V;1A
DO-41
Diodes
FR107
1
D2
BAV21W
Diode;200V;0.2A;
SOD-123
Diodes
BAV21W-7-F
1
D3
B560C
Schottky Diode;60V;5A
SMC
Diodes
B560C
1
FR1
10Ω
Fusible Resistor, 1 W, 5%
Yageo
DIP
FKN1WSJT-52-10R
1
L1
1000μH
Inductor;1000uH;6
Ohm;0.25A
DIP
Wurth
7447462102
1
R1
10kΩ
Film Resistor;5%
0805
Yageo
RC0805JR-0710KL
1
R2
357Ω
Film Resistor;1%;1/4W
1206
Yageo
RC1206FR-07357RL
1
R3
150kΩ
Film Resistor; 1%,1/4W
1206
Yageo
RC1206FR-07150KL
1
R4
2.2Ω
Film Resistor;5%;1/4W
1206
Royalohm
1206F220KT5E
1
R5
27kΩ
Film Resistor;1%;
0603
Yageo
RC0603FR-0727KL
1
R6
14.3kΩ
Film Resistor;1%
0603
Yageo
RC0603FR-0714K3L
1
R7
20Ω
Film Resistor;5%;1/4W
1206
Royalohm
1206J0200T5E
1
R8
10kΩ
Film Resistor;5%;
0603
Yageo
RC0603JR-0710K
1
U1
Primary side regulator
SOIC8-7A
MPS
MP020-5GS R3
1
T1
Transformer;2.48mH;
NP:NP_AU:NS=184:15:16
EE16
Wurth
(1)
7508110328
Emei
(2)
FX0303
Notes:
(1) Wurth transformer sample request please login on website: www.we-online.com
(2) Emei transformer sample request please login on website: www.emeigroup.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com