Electronic Components Datasheet Search
  English  ▼

X  

MP020-5GS Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP020-5GS
Description  85VAC~265VAC/50Hz, 12V/0.3A, 5V/0.1A Off-line Primary-side-Regulator, Dual Outputs Evaluation Board for Small Appliances
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP020-5GS Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP020-5GS Datasheet HTML 2Page - Monolithic Power Systems MP020-5GS Datasheet HTML 3Page - Monolithic Power Systems MP020-5GS Datasheet HTML 4Page - Monolithic Power Systems MP020-5GS Datasheet HTML 5Page - Monolithic Power Systems MP020-5GS Datasheet HTML 6Page - Monolithic Power Systems MP020-5GS Datasheet HTML 7Page - Monolithic Power Systems MP020-5GS Datasheet HTML 8Page - Monolithic Power Systems MP020-5GS Datasheet HTML 9Page - Monolithic Power Systems MP020-5GS Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
EV020-5-S-00C
– UNIVERSAL INPUT, DUAL OUTPUTS FOR SMALL APPLIANCES
EV020-5-S-00C Rev.1.0
www.MonolithicPower.com
6
4/1/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
EV020-5-S-00C BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer
Manufacturer_P/N
2
C1, C2
4.
7μF
Capacitor;400V;20%
DIP
Beryl
4.7
μF/400V
1
C3
470pF
Ceramic Capacitor;
1000V;U2J;
1206
muRata
GRM31B7U3A471JW31L
1
C4
0Ω
Shorted with 0Ω resistor
0603
Yageo
RC0603JR-070RL
1
C5
1
μF
Ceramic Capacitor;
25V;X7R;
0603
muRata
GRM188R71E105KA12D
1
C6
22
μF
Electrolytic Capacitor;
50V;Electrolytic;
DIP
Jianghai
CD281L-50V22
1
C7
100pF
Ceramic Capacitor;
250V;COG
0805
Murata
GRM21A5C2E101JW01D
1
C8
470
μF
Electrolytic Capacitor;
16V;Electrolytic;
DIP
Lelon
RXW471M1CBK-1012P
1
C9
100
μF
Electrolytic Capacitor;
10V;Electrolytic;
DIP
Lelon
RXW101M1ABK-0511P
2
C10,
C12
1
μF
Ceramic Capacitor;
10V;X7R
0603
Murata
GRM188R71A105KA61D
1
C11
1
μF
Ceramic Capacitor;
25V;X7R;
1206
TDK
C3216X7R1E105K
1
CR1
MB6F
Diode;600V;0.5A
SOP-4
Taiwan
Semiconductor
MB6F
1
CY1
1nF
Y Capacitor;4000V;20%
DIP
Hongke
JN09E102MY02N
1
D1
FR107
Diode;1000V;1A
DO-41
Diodes
FR107
1
D2
BAV21W
Diode;200V;0.2A;
SOD-123
Diodes
BAV21W-7-F
1
D3
ES1D
Diode;200V;1A;
SMA
Taiwan
Semiconductor
ES1D
1
D4
B190A
Schottky Diode;90V;1A;
SMA
Diodes
B190A
1
FR1
FKN1WSJT
-52-10R
Fusible Res
istor ;10Ω/1W
DIP
Yageo
FKN1WSJT-52-10R
1
L1
1000
μH/
0.25A
Inductor;1000
μH;6
Ohm;0.25A
DIP
Wurth
7447462102
1
R1
10k
Ω
Film Resistor;5%;
0805
Yageo
RC0805JR-0710KL
1
R2
100Ω
Film Resistor;5%;1/4W
1206
Yageo
RC1206JR-07100RL
1
R3
150k
Ω
Film Resistor;1%;
1206
Panasonic
ERJ8ENF1503V
1
R4
10Ω
Film Resistor;5%
1206
Yageo
RC1206JR-0710R
1
R5
30k
Ω
Film Resistor;1%;
0603
Yageo
RC0603FR-0730KL
1
R6
13.7k
Ω
Film Resistor;1%
0603
Yageo
RC0603FR-0713K7L
1
R7
20Ω
Film Resistor;5%;1/4W
1206
1206J0200T5E
1
R8
5.1k
Ω
Film Resistor;5%;
0603
Yageo
RC0603JR-075K1L
1
R9
10k
Ω
Resistor;5%;
1206
Yageo
RM12JTN103
1
T1
EE16
Transformer,
Lp=1.25mH
Np:Np_au:Nsec1:Nsec2=
105:18:6:12
EE16
FX0295
1
U1
MP020-5
Primary Side Regulator
SOIC8-7A
MPS
MP020-5GS R3
1
U3
L78L05
Three-Terminal
Voltage
Regulator
SOT-89
STMicroelectronics
L78L05ACUTR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com