Electronic Components Datasheet Search
  English  ▼

X  

MP020-5GS Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP020-5GS
Description  85VAC~265VAC/50Hz, 12V/0.65A竊?V/50mA Off-line Primary-Side-Regulator Home Appliances Evaluation Board
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP020-5GS Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP020-5GS Datasheet HTML 1Page - Monolithic Power Systems MP020-5GS Datasheet HTML 2Page - Monolithic Power Systems MP020-5GS Datasheet HTML 3Page - Monolithic Power Systems MP020-5GS Datasheet HTML 4Page - Monolithic Power Systems MP020-5GS Datasheet HTML 5Page - Monolithic Power Systems MP020-5GS Datasheet HTML 6Page - Monolithic Power Systems MP020-5GS Datasheet HTML 7Page - Monolithic Power Systems MP020-5GS Datasheet HTML 8Page - Monolithic Power Systems MP020-5GS Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
EV020-5-S-01B
85VAC~265VAC/50Hz, 12V/0.65A,5V/50mA
Off-line Primary-Side-Regulator
Home Appliances Evaluation Board
EV020-5-S-01B Rev.1.0
www.MonolithicPower.com
1
5/31/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The
EV020-5-S-01B
Evaluation
Board
is
designed to demonstrate the capabilities of
MP020-5. The MP020-5 is a primary-side-
control offline regulator which can eliminates
secondary feedback components.
The EV020-5-S-01B is typically designed for
small home appliances which output 12V/0.65A
and 5V/50mA load from 85VAC to 265VAC,
50HZ/60HZ.
The EV020-5-S-01B has an excellent efficiency
and meets IEC61000-4-5 surge immunity and
EN55022 conducted EMI requirements. It has
multi-protection
function
as
open
circuit
protection, short-circuit protection, cycle by
cycle
current
limit
and
over-temperature
protection, etc.
ELECTRICAL SPECIFICATION
Parameter
Symbol
Value
Units
Input Voltage
VIN
85 to 265
VAC
Output Voltage 1
VOUT1
12
V
Output Current 1
IOUT1
0.65
A
Output Voltage 2
VOUT2
5
V
Output Current 2
IOUT2
0.05
A
Output Power
POUT
8.05
W
Efficiency (full load)
η
>80
%
FEATURES
 Primary-Side–Control without Opto-Coupler
or Secondary Feedback Circuit
 Precise Constant Current and Constant
Voltage Control (CC/CV)
 Integrated 700V MOSFET with Minimal
External Components
 Variable, Off-Time, Peak-Current Control
 550µA High-Voltage Current Source
 100mW No-Load Power Consumption
 Programmable Cable Compensation
 Multiple Protections: OVP, OCP, OCkP,
OTP, and VCC UVLO
 Natural Spectrum Shaping for Improved
EMI Signature
 Low Cost and Simple External circuit
APPLICATIONS
 Small Home Appliances
 Cell Phone Chargers
 Adapters for Handheld Electronics
 Stand-By and Auxiliary Power Supplies
 Small Appliances
All MPS parts are lead-free, halogen free, and adhere to the RoHS
directive. For MPS green status, please visit MPS website under Quality
Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered
Trademarks of Monolithic Power Systems, Inc.
Warning:
Although this board is designed to satisfy safety
requirements, the engineering prototype has not been
agency approved. Therefore, all testing should be performed
using an isolation transformer to provide the AC input to the
prototype board.


Similar Part No. - MP020-5GS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP020-5GS MPS-MP020-5GS Datasheet
1Mb / 20P
Offline, Primary-Side Regulator with CC/CV Control and a 700V FET
MP020-5GS MPS-MP020-5GS Datasheet
629Kb / 16P
85VAC~265VAC/50Hz, 5V/1A Off-line Primary-side-Regulator Cell phone Charger Evaluation Board
MP020-5GS MPS-MP020-5GS Datasheet
725Kb / 19P
85VAC~265VAC/50Hz, 12V/0.7A Off-line Primary-Side-Regulator Home Appliances Evaluation Board
MP020-5GS MPS-MP020-5GS Datasheet
1Mb / 16P
85VAC~265VAC/50Hz, 12V/0.3A, 5V/0.1A Off-line Primary-side-Regulator, Dual Outputs Evaluation Board for Small Appliances
MP020-5GS MPS-MP020-5GS Datasheet
1Mb / 16P
85VAC~265VAC/50Hz, 18V/0.3A, 5V/0.1A Off-line Primary-side-Regulator, Dual Outputs Evaluation Board for Small Appliances
More results

Similar Description - MP020-5GS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV020-5-S-00A MPS-EV020-5-S-00A Datasheet
629Kb / 16P
85VAC~265VAC/50Hz, 5V/1A Off-line Primary-side-Regulator Cell phone Charger Evaluation Board
EV020-5-S-00B MPS-EV020-5-S-00B Datasheet
725Kb / 19P
85VAC~265VAC/50Hz, 12V/0.7A Off-line Primary-Side-Regulator Home Appliances Evaluation Board
EV020-5-S-00C MPS-EV020-5-S-00C Datasheet
1Mb / 16P
85VAC~265VAC/50Hz, 12V/0.3A, 5V/0.1A Off-line Primary-side-Regulator, Dual Outputs Evaluation Board for Small Appliances
EV020-5-S-00D MPS-EV020-5-S-00D Datasheet
1Mb / 16P
85VAC~265VAC/50Hz, 18V/0.3A, 5V/0.1A Off-line Primary-side-Regulator, Dual Outputs Evaluation Board for Small Appliances
EV4033-K-00A MPS-EV4033-K-00A Datasheet
616Kb / 14P
198VAC~265VAC/50Hz, 24V/420mA Primary-side-control with Active PFC Off-line Dimmable LED Driver Evaluation Board
EV4034-S-00A MPS-EV4034-S-00A Datasheet
412Kb / 15P
85VAC-265VAC/50Hz, 40V/130mA Primary-Side-Controlled, Offline, LED Driver Evaluation Board
EV4034-S-00B MPS-EV4034-S-00B Datasheet
1,014Kb / 15P
85VAC-265VAC/50Hz, 10V/350mA Primary-Side-Controlled, Offline, LED Driver Evaluation Board
EV4034-S-00C MPS-EV4034-S-00C Datasheet
422Kb / 15P
85VAC~265VAC/50Hz, 40V/150mA Non-Isolation Off-line LED Driver Evaluation Board
EV4034-S-00D MPS-EV4034-S-00D Datasheet
434Kb / 15P
85VAC~265VAC/50Hz, 10V/350mA Non-Isolation Off-line LED Driver Evaluation Board
EVX2001-Y-00B MPS-EVX2001-Y-00B Datasheet
794Kb / 15P
90VAC~265VAC/50Hz/60Hz, 12V/5A Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com