Electronic Components Datasheet Search
  English  ▼

X  

MP2233DJ Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2233DJ
Description  High-Efficiency, 3A, 16V, 1.4MHz, Sync. Step-Down Switcher Evaluation Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2233DJ Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2233DJ Datasheet HTML 1Page - Monolithic Power Systems MP2233DJ Datasheet HTML 2Page - Monolithic Power Systems MP2233DJ Datasheet HTML 3Page - Monolithic Power Systems MP2233DJ Datasheet HTML 4Page - Monolithic Power Systems MP2233DJ Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EV2233-J-00A – 16V, 1.4MHZ, 3A STEP-DOWN CONVERTER
EV2233-J-00A Rev.1.0
www.MonolithicPower.com
2
9/5/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
MP2233
2
7
1
6
5
R4
20
3.3V/3A
R1
40.2k
R2
13k
C2A
NS R10
10
C3
15pF
R3
0
R9
24k
3
8
IN
BST
SW
SW
FB
VCC
VCC
SS
SS
EN/SYNC
EN/SYNC
C5
22nF
R5
100k
R6
38.3k
VOUT
VIN
EV2233-J-00A BILL OF MATERIALS
Qty
RefDes
Value
Description
Package
Manufacturer
Manufacturer P/N
1
C1
0.1μF
Ceramic Cap., 25V, X7R
0805
muRata
GRM21BR71E104KA01L
1
C1A
22μF
Ceramic Cap., 25V, X5R
1206
muRata
GRM31CR61E226KE15L
1
C2
22μF
Ceramic Cap., 10V, X7R
1206
muRata
GRM31CR70A226KE19L
1
C3
15pF
Ceramic Cap., 50V, C0G
0603
muRata
GRM1885C1H150JA01D
2
C4,C6
0.1μF
Ceramic Cap., 16V, X7R
0603
muRata
GRM188R71C104KA01D
1
C5
22nF
Ceramic Cap., 50V, X7R
0603
muRata
GRM188R71H223KA01D
C2A,C7
NS
1
R1
40.2K
Thick Film Res., 1%
0603
Yageo
RC0603FR-0740K2L
1
R2
13K
Thick Film Res., 1%
0603
Yageo
RC0603FR-0713KL
1
R3
0Ω
Thick Film Res., 1%
0603
Yageo
RC0603JR-070RL
1
R4
20Ω
Thick Film Res., 1%
0603
Yageo
RC0603FR-0720RL
1
R5
100K
Thick Film Res., 1%
0603
Yageo
RC0603FR-07100KL
1
R6
38.3K
Thick Film Res., 1%
0603
Yageo
RC0603FR-0738K3L
1
R9
24K
Thick Film Res., 1%
0603
Yageo
RC0603FR-0724KL
1
R10
10Ω
Thick Film Res., 1%
0603
Yageo
RC0603FR-0710RL
1
L1
1.5μH
Inductor, DCR=10mΩ,
Is=11A
7×7×4
Wurth
744311150
1
U1
MP2233
DJ
Synchronous Step-Down
Convert
TSOT23-8
MPS
MP2233DJ



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com