Electronic Components Datasheet Search
  English  ▼

X  

A42CS12VDC Datasheet(PDF) 2 Page - CIT Relay & Switch

Part # A42CS12VDC
Description  Low coil power consumption
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

A42CS12VDC Datasheet(HTML) 2 Page - CIT Relay & Switch

  A42CS12VDC Datasheet HTML 1Page - CIT Relay & Switch A42CS12VDC Datasheet HTML 2Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.citrelay.com phone - 763.535.2339
fax - 763.535.2194
Specifications and availability subject to change without notice.
Dimensions shown in mm. Dimensions are shown for reference purposes only.
A4
page 2
1. Series
A4
1C
S
12VDC
A4
2. Contact Arrangement
1A = SPST N.O.
1C = SPDT
1U = SPST N.O.
1W = SPDT
2A = (2) SPST N.O.
2C = (2) SPDT
2U = (2) SPST N.O.
2W = (2) SPDT
3. Sealing Option
S = Sealed
C = Dust cover
4. Coil Voltage
12VDC
24VDC
Dimensions
Units = mm
Bottom Views
Schematics & PC Layouts
Ordering Information
14.83
[.58]
17.21
[.68]
19.70
[.78]
3.40 TYP
[.13]
2.55
[.10]
2X Ø .70
[.03]
10.16
[.40]
8.93
[.35]
3.75
[.15]
29.60
[1.17]
17.70
[.70]
19.75
[.78]
3.40 TYP
[.13]
4X Ø .70
[.03]
8.78
[.35]
3.75
[.15]
10.16
[.40]
2.95
[.12]
14.16
[.56]
Single Package
Dual Package
2X Ø 1.00
[.04]
Ø1.50
[.06]
Ø1.25
[.05]
3.75
[.15]
8.93
[.35]
10.16
[.40]
1A
1C
1U
1W
10.16
[.40]
14.16
[.56]
8.78
[.35]
3.75
[.15]
2X Ø 1.50
[.06]
4X Ø 1.00
[.04]
Ø1.25
[.05]
2A
2C
2U
2W



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com