Electronic Components Datasheet Search
  English  ▼

X  

LTC5553 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC5553
Description  3GHz to 20GHz Passive Bidirectional Mixer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5553 Datasheet(HTML) 2 Page - Linear Technology

  LTC5553 Datasheet HTML 1Page - Linear Technology LTC5553 Datasheet HTML 2Page - Linear Technology LTC5553 Datasheet HTML 3Page - Linear Technology LTC5553 Datasheet HTML 4Page - Linear Technology LTC5553 Datasheet HTML 5Page - Linear Technology LTC5553 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
dc2566af
DEMO MANUAL DC2566A
proper test setups
Figure 2. Test setup for Downconverting Mixer Two-Tone Measurements
Figure 3. Test setup for Upconverting Mixer Two-Tone Measurements
6dB
3dB
3dB
3dB
SIGNAL
GENERATOR
1
SIGNAL
GENERATOR
2
SPECTRUM
ANALYZER
SIGNAL
GENERATOR
3
POWER
SUPPLY
3.3V DC
+
–
DC2566 F02
6dB
3dB
3dB
3dB
DC2566 F03
SIGNAL
GENERATOR
1
SIGNAL
GENERATOR
2
SPECTRUM
ANALYZER
SIGNAL
GENERATOR
3
POWER
SUPPLY
3.3V DC
+
–



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com