Electronic Components Datasheet Search
  English  ▼

X  

LTC5567 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC5567
Description  300MHz to 4GHz Active Downconverting Mixer with Wideband IF
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5567 Datasheet(HTML) 1 Page - Linear Technology

  LTC5567 Datasheet HTML 1Page - Linear Technology LTC5567 Datasheet HTML 2Page - Linear Technology LTC5567 Datasheet HTML 3Page - Linear Technology LTC5567 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
dc1861af
DEMO MANUAL DC1861A
DESCRIPTION
ABSOLUTE MAXIMUM RATINGS
LTC5567
300MHz to 4GHz Active Downconverting
Mixer with Wideband IF
Demonstration circuit 1861A is optimized for evaluation
of the LTC®5567 active downconverting mixer. Its RF
and LO input ports are internally matched to 50Ω, from
1.4GHz to 3GHz, and from 1GHz to 4GHz, respectively.
The IF output uses a bandpass network followed by an 8:1
transformer to provide a 50Ω match at 153MHz. The LO
input is easily matched for higher or lower frequencies, as
low as 300MHz, with simple external matching. The low-
capacitance differential IF output is usable up to 2.5GHz.
Design files for this circuit board are available at
http://www.linear.com/demo
Supply Voltage (VCC, IF+, IF–) ..................................4.0V
Enable Input Voltage (EN) ................–0.3V to VCC + 0.3V
LO Input Power (350MHz to 4.5GHz)................. +10dBm
LO Input DC Voltage............................................... ±0.1V
RF Input Power (300MHz to 4GHz) .................... +15dBm
RF Input DC Voltage............................................... ±0.1V
TEMP Monitor Input Current..................................10mA
Operating Temperature Range (TC)........ –40°C to 105°C
Junction Temperature (TJ) .................................... 150°C
Storage Temperature Range .................. –65°C to 150°C
CAUTION: This part is sensitive to electrostatic discharge
(ESD). Observe proper ESD precautions when handling
the LT5567.
L, LT, LTC, LTM, μModule, Linear Technology and the Linear logo are registered trademarks of
Linear Technology Corporation. All other trademarks are the property of their respective owners.
BOARD PHOTO
Figure 1. Test Setup for Mixer Two-Tone Measurements


Similar Part No. - LTC5567

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5562 LINER-LTC5562 Datasheet
569Kb / 26P
LF??GHz Wideband Low Power Active Mixer
LTC5564 LINER-LTC5564 Datasheet
151Kb / 12P
UltraFast??7ns Response Time 15GHz RF Power Detector with Comparator
LTC5564 LINER-LTC5564 Datasheet
228Kb / 14P
UltraFast??7ns Response Time 15GHz RF Power Detector with Comparator
LTC5564 LINER-LTC5564 Datasheet
469Kb / 16P
UltraFast 7ns Response Time 15GHz RF Power Detector with Comparator
LTC5564 LINER-LTC5564_1 Datasheet
228Kb / 14P
UltraFast??7ns Response Time 15GHz RF Power Detector with Comparator
More results

Similar Description - LTC5567

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5543 LINER-LTC5543 Datasheet
56Kb / 1P
2.3GHz to 4GHz High Dynamic Range Downconverting Mixer
LTC5543 LINER-LTC5543_15 Datasheet
252Kb / 16P
2.3GHz to 4GHz High Dynamic Range Downconverting Mixer
LTC5569 LINER-LTC5569_15 Datasheet
417Kb / 22P
300MHz to 4GHz 3.3V Dual Active Downconverting Mixer
LTC5577 LINER-LTC5577_15 Datasheet
379Kb / 20P
300MHz to 6GHz High Signal Level Active Downconverting Mixer
logo
Integrated Device Techn...
F1152NBGI IDT-F1152NBGI Datasheet
1Mb / 20P
RF to IF Dual Downconverting Mixer
IDTF1751NBGI IDT-IDTF1751NBGI Datasheet
1Mb / 24P
RF to IF Single Downconverting Mixer
logo
Linear Technology
LTC5566 LINER-LTC5566 Datasheet
656Kb / 28P
300MHz to 6GHz Dual Programmable Gain Downconverting Mixer
LTC5577 LINER-LTC5577 Datasheet
379Kb / 20P
300MHz to 6GHz High Signal Level Active Downconverting Mixer
LTC5544 LINER-LTC5544 Datasheet
1Mb / 12P
4GHz to 6GHz High Dynamic Range Downconverting Mixer
logo
Renesas Technology Corp
F1100 RENESAS-F1100 Datasheet
1Mb / 18P
RF to IF Dual Downconverting Mixer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com