Electronic Components Datasheet Search
  English  ▼

X  

LTC5576 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC5576
Description  3GHz to 8GHz High Linearity Active Upconverting Mixer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5576 Datasheet(HTML) 1 Page - Linear Technology

  LTC5576 Datasheet HTML 1Page - Linear Technology LTC5576 Datasheet HTML 2Page - Linear Technology LTC5576 Datasheet HTML 3Page - Linear Technology LTC5576 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
dc2322afa
DEMO MANUAL DC2322A
Description
LTC5576
3GHz to 8GHz High Linearity
Active Upconverting Mixer
Demonstration circuit 2322A is designed for evaluation
of the LTC®5576 active upconverting mixer with very
wide input bandwidth and low distortion. Its OUT port
is optimized for 4GHz to 6GHz applications, but is easily
retuned for output frequencies as low as 3GHz, or as high
as 8GHz with minor performance degradation. The IN port
is optimized for 30MHz to 6GHz operation while the LO
port is always 50Ω matched from 1GHz to 8GHz.
The LTC5576 is optimized for 5V operation, but can be
usedwitha3.3Vsupplywithslightlyreducedperformance.
The enable function allows the part to be easily shut down
for further power savings.
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
proper test setup
Absolute MAxiMuM rAtings
Supply Voltage (VCC) ...............................................6.0V
Enable Input Voltage (EN) ............... −0.3V to VCC + 0.3V
IADJ Pin Voltage.......................................−0.3V to 2.7V
LO Port Power (1GHz to 8GHz) .......................... +10dBm
IN Port Power (30MHz to 6GHz) ........................ +15dBm
TEMP Input Current ...............................................10mA
Operating Temperature Range (TC)........−40°C to 105°C
Junction Temperature (TJ) .................................... 150°C
Storage Temperature Range ..................−65°C to 150°C
CAUTION: This part is sensitive to electrostatic discharge
(ESD). Observe proper ESD precautions when handling
the LT5576.
Design files for this circuit board are available at
http://www.linear.com/demo/DC2322A
Figure 1. Test Setup for Mixer Two-Tone Measurements


Similar Part No. - LTC5576

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5576 LINER-LTC5576 Datasheet
511Kb / 24P
3GHz to 8GHz High Linearity Active Upconverting Mixer
logo
Analog Devices
LTC5576 AD-LTC5576 Datasheet
2Mb / 26P
1.5GHz to 7GHz Dual Programmable Gain Downconverting Mixer
logo
Linear Technology
LTC5576 LINER-LTC5576_15 Datasheet
511Kb / 24P
3GHz to 8GHz High Linearity Active Upconverting Mixer
More results

Similar Description - LTC5576

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5519 LINER-LT5519 Datasheet
215Kb / 12P
0.7GHz to 1.4GHz High Linearity Upconverting Mixer
LT5521 LINER-LT5521 Datasheet
269Kb / 16P
Very High Linearity Active Mixer
LT5520 LINER-LT5520 Datasheet
190Kb / 12P
1.3GHz to 2.3GHz High Linearity Upconverting Mixer
LT5579 LINER-LT5579 Datasheet
247Kb / 20P
1.5GHz to 3.8GHz High Linearity Upconverting Mixer
LT5578 LINER-LT5578 Datasheet
212Kb / 16P
0.4GHz to 2.7GHz High Linearity Upconverting Mixer
LT5519 LINER-LT5519_15 Datasheet
227Kb / 12P
0.7GHz to 1.4GHz High Linearity Upconverting Mixer
LT5520 LINER-LT5520_15 Datasheet
195Kb / 12P
1.3GHz to 2.3GHz High Linearity Upconverting Mixer
LT5579 LINER-LT5579_15 Datasheet
347Kb / 20P
1.5GHz to 3.8GHz High Linearity Upconverting Mixer
LT5578 LINER-LT5578_15 Datasheet
217Kb / 16P
0.4GHz to 2.7GHz High Linearity Upconverting Mixer
LTC5576 LINER-LTC5576_15 Datasheet
511Kb / 24P
3GHz to 8GHz High Linearity Active Upconverting Mixer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com