Electronic Components Datasheet Search
  English  ▼

X  

LTC6419 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC6419
Description  Dual Differential Amplifier/ADC Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6419 Datasheet(HTML) 2 Page - Linear Technology

  LTC6419 Datasheet HTML 1Page - Linear Technology LTC6419 Datasheet HTML 2Page - Linear Technology LTC6419 Datasheet HTML 3Page - Linear Technology LTC6419 Datasheet HTML 4Page - Linear Technology LTC6419 Datasheet HTML 5Page - Linear Technology LTC6419 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
dc2473af
DEMO MANUAL DC2473A
QUICK START PROCEDURE
Table 1 shows the function of each SMA connector on
the board. Refer to Figure 1 for the connection diagram
and follow the procedure below:
1. Connect the power supply as shown. The power labels
of V+ and GND directly correspond to the power sup-
ply. Typical current consumption of LTC6419 is about
104mA for both amplifiers. Jumpers JP1 and JP2
enable or shut down the amplifier A and amplifier B,
respectively.
2. Apply input signal or network analyzer to J4 (IN1–)
or J6 (IN2–). DC2473A’s input is impedance matched
to 50Ω.
3. Observe the output via J1 (OUT1–) or J7 (OUT2–). The
output is impedance matched to 50Ω, suitable for the
input of a network or spectrum analyzer.
Table 1 shows the function of each input and output on
the board.
Table 1. DC2473A Board I/O Descriptions
CONNECTOR
FUNCTION
J2 (IN1+)/J4 (IN1–)
J6 (IN2–)/J8 (IN2+)
Can be configured to either single-ended or differential input.
J1 (OUT1–)/J3 (OUT1+)
J5 (OUT2+)/J7(OUT2–)
Can be configured to either single-ended or differential output. With proper
impedance matching, the device can be used to drive a network analyzer,
spectrum analyzer or an ADC.
E1 (VCM1), E3 (VCM2)
The input common mode voltage. Leave open if unused.
E2 (VOCM1), E4 (VOCM2)
Output common mode adjust. By default, these pins are self-biasing within
U1A and U1B. Leave open if unused.
E5 (V+)
Positive Supply voltage source
E8 (GND)
Supply Ground



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com