Electronic Components Datasheet Search
  English  ▼

X  

LTC6430 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC6430
Description  15dB Differential Amplifier and 14-Bit, 310Msps Dual ADC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6430 Datasheet(HTML) 2 Page - Linear Technology

  LTC6430 Datasheet HTML 1Page - Linear Technology LTC6430 Datasheet HTML 2Page - Linear Technology LTC6430 Datasheet HTML 3Page - Linear Technology LTC6430 Datasheet HTML 4Page - Linear Technology LTC6430 Datasheet HTML 5Page - Linear Technology LTC6430 Datasheet HTML 6Page - Linear Technology LTC6430 Datasheet HTML 7Page - Linear Technology LTC6430 Datasheet HTML 8Page - Linear Technology LTC6430 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
dc1946af
DEMO MANUAL DC1946A
Quick start proceDure
Demonstration circuit 1946A is easy to set up to evaluate
the performance of the LTC2158 A/D converter. Refer to
Figure 1 for proper measurement equipment setup and
follow the procedure below:
SETUP
The DC1371 USB demonstration circuit was supplied
with the DC1946A global demonstration circuit, follow the
DC1371 Quick Start Guide to install the required software
andforconnectingtheDC1371totheDC1946AandtoaPC.
Figure 1. DC1946A Setup (Zoom for Detail)
3.0V TO 5V
CHANNEL 1
+5V
DIFFERENTIAL
ANALOG INPUTS
CHANNEL 2
SINGLE-ENDED
ENCODE CLOCK
JUMPERS SHOWN IN
THEIR DEFAULT POSITIONS
THE DC1946 CONNECTS
TO THE DC1371 VIA AN
FMC CONNECTOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com