Electronic Components Datasheet Search
  English  ▼

X  

LTC7000 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC7000
Description  Fast 150V Protected High Side NMOS Static Switch Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7000 Datasheet(HTML) 2 Page - Linear Technology

  LTC7000 Datasheet HTML 1Page - Linear Technology LTC7000 Datasheet HTML 2Page - Linear Technology LTC7000 Datasheet HTML 3Page - Linear Technology LTC7000 Datasheet HTML 4Page - Linear Technology LTC7000 Datasheet HTML 5Page - Linear Technology LTC7000 Datasheet HTML 6Page - Linear Technology LTC7000 Datasheet HTML 7Page - Linear Technology LTC7000 Datasheet HTML 8Page - Linear Technology LTC7000 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTC7000/LTC7000-1
2
7000fa
For more information www.linear.com/LTC7000
pin conFiguraTion
absoluTe MaxiMuM raTings
Supply Voltages
VIN ....................................................... –0.3V to 150V
BST-TS................................................... –0.3V to 15V
VCC......................................................... –0.3V to 15V
TS Voltage .................................................. –6V to 150V
BST, SNS+ and SNS– Voltages ................ –0.3V to 150V
SNS+ – SNS– ........................................ –0.3V to +0.3V
INP Voltage ................................................... –6V to 15V
Driver Outputs TGUP, TGDN...............................(Note 7)
TIMER, FAULT, Voltages............................. –0.3V to 15V
VCCUV Voltage ................................................ –0.3 to 6V
(Note 1)
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC7000EMSE#PBF
LTC7000EMSE#TRPBF
7000
16-Lead Plastic MSOP
–40°C to 125°C
LTC7000IMSE#PBF
LTC7000IMSE#TRPBF
7000
16-Lead Plastic MSOP
–40°C to 125°C
LTC7000HMSE#PBF
LTC7000HMSE#TRPBF
7000
16-Lead Plastic MSOP
–40°C to 150°C
LTC7000MPMSE#PBF
LTC7000MPMSE#TRPBF
7000
16-Lead Plastic MSOP
–55°C to 150°C
LTC7000EMSE-1#PBF
LTC7000EMSE-1#TRPBF
7000-1
16-Lead Plastic MSOP
–40°C to 125°C
LTC7000IMSE-1#PBF
LTC7000IMSE-1#TRPBF
7000-1
16-Lead Plastic MSOP
–40°C to 125°C
LTC7000HMSE-1#PBF
LTC7000HMSE-1#TRPBF
7000-1
16-Lead Plastic MSOP
–40°C to 150°C
LTC7000MPMSE-1#PBF
LTC7000MPMSE-1#TRPBF 7000-1
16-Lead Plastic MSOP
–55°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *Temperature grades are identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
LTC7000
LTC7000-1
1
2
3
4
5
6
7
8
RUN
VIN
VCC
VCCUV
FAULT
TIMER
INP
OVLO
17
GND
16
15
14
13
12
11
10
9
SNS+
SNS–
BST
TS
TGUP
TGDN
IMON
ISET
TOP VIEW
MSE PACKAGE
16-LEAD PLASTIC MSOP
(NOTE 6)
TJMAX = 150°C, θJA = 45°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
1
3
5
6
7
8
16
14
12
11
10
9
TOP VIEW
MSE PACKAGE
VARIATION: MSE16 (12)
16-LEAD PLASTIC MSOP
VIN
VCC
VCCUV
FAULT
TIMER
INP
SNS+
SNS–
BST
TS
TGUP
TGDN
17
GND
TJMAX = 150°C, θJA = 45°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
RUN Voltage (LTC7000)........................... –0.3V to 150V
ISET, IMON, OVLO Voltages (LTC7000).......... –0.3V to 6V
Operating Junction Temperature Range (Notes 2, 3, 4)
LTC7000E, LTC7000E-1, LTC7000I,
LTC7000I-1 ........................................ –40°C to 125°C
LTC7000H, LTC7000H-1 .................... –40°C to 150°C
LTC7000MP, LTC7000MP-1............... –55°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
MSOP Package .................................................300°C
http://www.linear.com/product/LTC7000#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com