Electronic Components Datasheet Search
  English  ▼

X  

HCPL-5650 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HCPL-5650
Description  Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-5650 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HCPL-5650 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-5650 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-5650 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-5650 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-5650 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-5650 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-5650 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-5650 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-5650 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Outline Drawings
16 Pin DIP Through Hole, 2 Channels
GND1
VO2
19
20
2
3
VO1
8
7
VCC2
VCC1
10
GND2
15
13
12
Functional Diagrams
16 Pin DIP
8 Pin DIP
8 Pin DIP
16 Pin Flat Pack
20 Pad LCCC
Through Hole
Through Hole
Through Hole
Unformed Leads
Surface Mount
2 Channels
1 Channel
2 Channels
4 Channels
2 Channels
Note: All DIP and flat pack devices have common VCC and ground. Single channel DIP has an enable pin 7. LCCC (leadless ceramic
chip carrier) package has isolated channels with separate VCC and ground connections. All diagrams are “top view.”
Leaded Device Marking
Leadless Device Marking
5
7
6
8
12
10
11
9
GND
1
3
2
4
16
14
15
13
VCC
VO1
VO2
VCC
VOUT
VE
GND
18
27
36
45
5
7
6
8
12
10
11
9
GND
1
3
2
4
16
14
15
13
VCC
VO1
VO3
VO2
VO4
0.20 (0.008)
0.33 (0.013)
4.45 (0.175)
MAX.
20.06 (0.790)
20.83 (0.820)
0.51 (0.020)
MAX.
2.29 (0.090)
2.79 (0.110)
0.51 (0.020)
MIN.
0.89 (0.035)
1.65 (0.065)
8.13 (0.320)
MAX.
7.36 (0.290)
7.87 (0.310)
NOTE: DIMENSIONS IN MILLIMETERS (INCHES).
3.81 (0.150)
MIN.
1
3
2
4
8
6
7
5
VCC
GND
VO2
VO1
COMPLIANCE INDICATOR,*
DATE CODE, SUFFIX (IF NEEDED)
A QYYWWZ
XXXXXX
XXXXXXX
XXX XXX
• 50434
COUNTRY OF MFR.
Agilent CAGE CODE*
Agilent DESIGNATOR
DSCC SMD*
PIN ONE/
ESD IDENT
Agilent P/N
DSCC SMD*
* QUALIFIED PARTS ONLY
COMPLIANCE INDICATOR,*
DATE CODE, SUFFIX (IF NEEDED)
A QYYWWZ
XXXXXX
• XXXX
XXXXXX
XXX 50434
DSCC SMD*
Agilent CAGE CODE*
Agilent DESIGNATOR
COUNTRY OF MFR.
Agilent P/N
PIN ONE/
ESD IDENT
DSCC SMD*
* QUALIFIED PARTS ONLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com