Electronic Components Datasheet Search
  English  ▼

X  

K-PLP Datasheet(PDF) 1 Page - Mini-Circuits

Part # K-PLP
Description  LOW PASS FILTERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

K-PLP Datasheet(HTML) 1 Page - Mini-Circuits

  K-PLP Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LOW PASS FILTERS
Designer's Kit K-PLP+
RF/IF MICROWAVE COMPONENTS
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For quick access to product information see MINI-CIRCUITS CATALOG & WEB SITE
®
ISO 9001 ISO 14001 CERTIFIED
only
15995
$
Kit K-PLP+ Electrical specifications of each model
ea. kit (20 models, 1of each, 20 total )
5 Model
Passband
fco ( MHz )
Stopband
VSWR
( MHz )
Nom.
( MHz )
( :1 )
Passband
Stopband
( loss < 1dB )
( loss 3dB )
( loss > 20dB )
( loss > 40dB )
Typ.
Typ.
PLP-5+
DC-5
6
8-10
10-200
1.7
18
PLP-10.7+
DC-11
14
19-24
24-200
1.7
18
PLP-21.4+
DC-22
24.5
32-41
41-200
1.7
18
PLP-30+
DC-32
35
47-61
61-200
1.7
18
PLP-50+
DC-48
55
70-90
90-200
1.7
18
PLP-70+
DC-60
67
90-117
117-300
1.7
18
PLP-90+
DC-81
90
121-157
157-400
1.7
18
PLP-100+
DC-98
108
146-189
189-400
1.7
18
PLP-150+
DC-140
155
210-300
300-600
1.7
18
PLP-200+
DC-190
210
290-390
390-800
1.7
18
PLP-250+
DC-225
250
320-400
400-1200
1.7
18
PLP-300+
DC-270
297
410-550
550-1200
1.7
18
PLP-450+
DC-400
440
580-750
750-1800
1.7
18
PLP-550+
DC-520
570
750-920
920-2000
1.7
18
PLP-600+
DC-580
640
840-1120
1120-2000
1.7
18
PLP-750+
DC-700
770
1000-1300
1300-2000
1.7
18
PLP-800+
DC-720
800
1080-1400
1400-2000
1.7
18
PLP-850+
DC-780
850
1100-1400
1400-2000
1.7
18
PLP-1000+
DC-900
990
1340-1750
1750-2000
1.7
18
PLP-1200+
DC-1000
1200
1620-2100
2100-2500
1.7
18
Passband DC to 1000MHz
PLP+ Features
•
Wideband, 50
Ω
•
Input power 0.5W max.
•
Welded metal case
o S
COMPLIANT
All models are
RoHS compliant
•
Hermetically sealed
•
Plug-in package
•
Low cost
MINI-CIRCUITS DESIGNER'S KITS
THE SOLUTION !
REV. OR
M106048
K-PLP+


Similar Part No. - K-PLP

ManufacturerPart #DatasheetDescription
logo
RFbeam Microwave GmbH
K-PA1 RFBEAM-K-PA1 Datasheet
215Kb / 2P
K-PA1 Antenna
logo
Mini-Circuits
K-PD MINI-K-PD Datasheet
204Kb / 1P
PHASE DETECTORS
K-PHP MINI-K-PHP Datasheet
231Kb / 1P
HIGH PASS FILTERS
K-POS-1 MINI-K-POS-1 Datasheet
247Kb / 1P
VOLTAGE CONTROLLED OSCILLATORS
K-POS-1+ MINI-K-POS-1+ Datasheet
247Kb / 1P
VOLTAGE CONTROLLED OSCILLATORS
More results

Similar Description - K-PLP

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
F-3400 RHOMBUS-IND-F-3400 Datasheet
23Kb / 1P
Low Pass Filters
logo
TDK Electronics
DEA161990LT-1180A1 TDK-DEA161990LT-1180A1 Datasheet
53Kb / 3P
Multilayer Low Pass Filters
logo
Mini-Circuits
K1-LFCN MINI-K1-LFCN Datasheet
298Kb / 1P
LOW PASS FILTERS
K2-LFCN MINI-K2-LFCN Datasheet
319Kb / 1P
LOW PASS FILTERS
K3-LFCN MINI-K3-LFCN Datasheet
306Kb / 1P
LOW PASS FILTERS
K4-LFCN MINI-K4-LFCN Datasheet
322Kb / 1P
LOW PASS FILTERS
K5-LFCN MINI-K5-LFCN Datasheet
276Kb / 1P
LOW PASS FILTERS
K-LHP MINI-K-LHP Datasheet
282Kb / 1P
LOW PASS & HIGH PASS FILTERS
K-SCF MINI-K-SCF Datasheet
248Kb / 1P
LOW PASS FILTERS
K1-LFCW MINI-K1-LFCW Datasheet
433Kb / 1P
Low Pass Filters
REV. OR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com