Electronic Components Datasheet Search
  English  ▼

X  

K-SCF Datasheet(PDF) 1 Page - Mini-Circuits

Part # K-SCF
Description  LOW PASS FILTERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

K-SCF Datasheet(HTML) 1 Page - Mini-Circuits

  K-SCF Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MINI-CIRCUITS DESIGNER'S KITS
THE SOLUTION !
LOW PASS FILTERS
Designer's Kit K-SCF+
RF/IF MICROWAVE COMPONENTS
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For quick access to product information see MINI-CIRCUITS CATALOG & WEB SITE
®
ISO 9001 ISO 14001 CERTIFIED
only
5995
Model
Passband
Fco, ( MHz )
Stopband
VSWR
Power Input
( MHz )
Nom.
( MHz )
( :1 )
(W)
( loss 3dB )
Passband
Stopband
( loss < 1dB )
Typ.
(loss > 20dB ) ( loss > 40dB )
Typ.
Typ.
Max.
SCLF-21.4+
DC-22
24.5
32-41
41-200
1.7
18
0.5
SCLF-30+
DC-30
35
47-61
61-200
1.7
18
0.5
SCLF-45+
DC-45
55
70-90
90-200
1.7
18
0.5
SCLF-135+
DC-135
155
210-300
300-600
1.7
18
0.5
SCLF-190+
DC-190
210
290-390
390-800
1.7
18
0.5
SCLF-380+
DC-380
440
580-750
750-1800*
1.7
18
0.5
SCLF-420+
DC-420
570
750-920
920-2000*
1.7
18
0.5
$
Kit K-SCF+ Electrical specifications of each model
ea. kit ( 7 models,1of each, 7 total )
* 35dB for SCLF-380+, SCLF-420+
Passband DC to 420MHz
SCLF+ Features
•
Wideband, 50
Ω
•
Wide selection of cut-off frequencies
•
Excellent rejection
•
Tough plastic case
( L ) 0.75
" x ( W ) 0.38"x ( H) 0.28"
o S
COMPLIANT
All models are RoHS compliant
REV. OR
M105264
K-SCF+


Similar Part No. - K-SCF

ManufacturerPart #DatasheetDescription
logo
Kycon, Inc.
K-SCARTX-028A KYCON-K-SCARTX-028A Datasheet
37Kb / 1P
SCart socket, Dual part
7/6/05
More results

Similar Description - K-SCF

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
F-3400 RHOMBUS-IND-F-3400 Datasheet
23Kb / 1P
Low Pass Filters
logo
TDK Electronics
DEA161990LT-1180A1 TDK-DEA161990LT-1180A1 Datasheet
53Kb / 3P
Multilayer Low Pass Filters
logo
Mini-Circuits
K1-LFCN MINI-K1-LFCN Datasheet
298Kb / 1P
LOW PASS FILTERS
K2-LFCN MINI-K2-LFCN Datasheet
319Kb / 1P
LOW PASS FILTERS
K3-LFCN MINI-K3-LFCN Datasheet
306Kb / 1P
LOW PASS FILTERS
K4-LFCN MINI-K4-LFCN Datasheet
322Kb / 1P
LOW PASS FILTERS
K5-LFCN MINI-K5-LFCN Datasheet
276Kb / 1P
LOW PASS FILTERS
K-LHP MINI-K-LHP Datasheet
282Kb / 1P
LOW PASS & HIGH PASS FILTERS
K-PLP MINI-K-PLP Datasheet
268Kb / 1P
LOW PASS FILTERS
K1-LFCW MINI-K1-LFCW Datasheet
433Kb / 1P
Low Pass Filters
REV. OR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com