Electronic Components Datasheet Search
  English  ▼

X  

74ALVC164245 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 74ALVC164245
Description  16-bit dual supply translating transciever; 3-state
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC164245 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 74ALVC164245 Datasheet HTML 9Page - NXP Semiconductors 74ALVC164245 Datasheet HTML 10Page - NXP Semiconductors 74ALVC164245 Datasheet HTML 11Page - NXP Semiconductors 74ALVC164245 Datasheet HTML 12Page - NXP Semiconductors 74ALVC164245 Datasheet HTML 13Page - NXP Semiconductors 74ALVC164245 Datasheet HTML 14Page - NXP Semiconductors 74ALVC164245 Datasheet HTML 15Page - NXP Semiconductors 74ALVC164245 Datasheet HTML 16Page - NXP Semiconductors 74ALVC164245 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
9397 750 13248
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 02 — 1 June 2004
13 of 19
Philips Semiconductors
74ALVC164245
16-bit dual supply translating transceiver; 3-state
12. AC waveforms
Measurement points are given in Table 9.
VOL and VOH are typical output voltage drop that occur with the output load.
Fig 4.
Input (nAn, nBn) to output (nBn, nAn) propagation delays.
Table 9:
Measurement points
Direction
Supply voltage
Input
Output
VCCA
VCCB
VI
VM
VM
A port to B port
2.3 V to 2.7 V
2.7 V to 3.6 V
VCCA
0.5
× VCCA
1.5 V
B port to A port
2.3 V to 2.7 V
2.7 V to 3.6 V
2.7 V
1.5 V
0.5
× VCCA
A port to B port
2.7 V to 3.6 V
4.5 V to 5.5 V
2.7 V
1.5 V
0.5
× VCCB
B port to A port
2.7 V to 3.6 V
4.5 V to 5.5 V
3.0 V
1.5 V
1.5 V
Measurement points are given in Table 10.
VOL and VOH are typical output voltage drop that occur with output load.
Fig 5.
3-state enable and disable times.
001aaa792
nAn, nBn
input
nBn, nAn
output
tPHL
tPLH
GND
VI
VM
VM
VOH
VOL
001aaa793
tPLZ
tPHZ
outputs
disabled
outputs
enabled
VY
VX
outputs
enabled
Qn output
LOW-to-OFF
OFF-to-LOW
Qn output
HIGH-to-OFF
OFF-to-HIGH
nOE input
VI
VOL
VOH
VCC
VM
VM
GND
GND
tPZL
tPZH
VM
VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com