Electronic Components Datasheet Search
  English  ▼

X  

J102 Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # J102
Description  High sensitivity
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

J102 Datasheet(HTML) 1 Page - CIT Relay & Switch

  J102 Datasheet HTML 1Page - CIT Relay & Switch J102 Datasheet HTML 2Page - CIT Relay & Switch J102 Datasheet HTML 3Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
page 1
www.citrelay.com phone - 763.535.2339
fax - 763.535.2194
Specifications and availability subject to change without notice.
Dimensions shown in mm. Dimensions are shown for reference purposes only.
RoHS Compliant
J102
15.5 x 10.5 x 11.25 mm
Contact Data*
Features
E197851
General Data*
•
High sensitivity
•
Super light weight
•
Low coil power consumption
•
PC board mounting
•
Ideal for high density mounting
Contact Arrangement
1A = SPST N.O.
1B = SPST N.C.
1C = SPDT
Contact Resistance
< 50 milliohms initial
Contact Material
AgNi + Au, Ag + Au
Maximum Switching Power
150W
Maximum Switching Voltage 300VAC, 150VDC
Maximum Switching Current 5A
Coil Data*
Electrical Life @ rated load
100K cycles, average
Mechanical Life
10M cycles, average
Insulation Resistance
100M Ω min. @ 500VDC initial
Dielectric Strength, Coil to Contact
1250V rms min. @ sea level initial
Contact to Contact
500V rms min. @ sea level initial
Shock Resistance
100m/s2 for 11 ms
Vibration Resistance
1.50mm double amplitude 10~40Hz
Terminal (Copper Alloy) Strength
5N
Operating Temperature
-40oC to +85oC
Storage Temperature
-40oC to +155oC
Solderability
260oC for 5 s
Weight
3.5g
Contact Rating
AgNi 3A & 5A @125VAC, general use, 20k cycles for N.O., 10k cycles for N.C.
3A & 5A @ 30VDC, resistive use, 50k cycles for N.O., 30k cycles for N.C.
Ag
1A & 3A @125VAC, general use
1A & 3A @ 30VDC, resistive use
Pilot Duty 270VA, 120VAC, N.O., 30k cycles
Pilot Duty 270VA, 120VAC, N.C., 6k cycles
atures
* Values can change due to the switching frequency, desired
reliability levels, environmental conditions and in-rush load levels.
It is recommended to test actual load conditions for the applica-
tion. It is the user’s responsibility to determine the performance
suitability for their specific application. The use of any coil voltage
less than the rated coil voltage may compromise the operation of
the relay.
Coil Voltage
VDC
Coil
Resistance
Ω +/- 10%
Pick Up Voltage
VDC (max)
75% of rated
voltage
Release Voltage
VDC (min)
10% of rated
voltage
Coil Power
W
Operate Time
ms
Release Time
ms
Rated
Max
.20W
.36W
.45W
3
3.9
45
25
20
2.25
.3
.20
.36
.45
55
5
6.5
125
75
56
3.75
.5
6
7.8
180
100
800
4.50
.6
9
11.7
405
225
180
6.75
.9
12
15.6
720
400
320
9.00
1.2
24
31.2
2880
1600
1280
18.00
2.4


Similar Part No. - J102

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
J10207 SUMIDA-J10207 Datasheet
43Kb / 2P
ADSL Transformer< SMD Type: CEP Series>
J10217 SUMIDA-J10217 Datasheet
39Kb / 2P
ADSL Transformer< SMD Type: CEP Series>
J10218 SUMIDA-J10218 Datasheet
39Kb / 2P
ADSL Transformer< SMD Type: CEP Series>
logo
CIT Relay & Switch
J1021AS1 CIT-J1021AS1 Datasheet
572Kb / 2P
CIT SWITCH
J1021AS3 CIT-J1021AS3 Datasheet
572Kb / 2P
CIT SWITCH
More results

Similar Description - J102

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTR-546AD LITEON-LTR-546AD Datasheet
146Kb / 4P
HIGH PHOTO SENSITIVITY
logo
List of Unclassifed Man...
R70-5D1-12 ETC2-R70-5D1-12 Datasheet
477Kb / 1P
High Sensitivity
logo
Micropac Industries
65025 MICROPAC-65025 Datasheet
42Kb / 2P
High magnetic sensitivity
logo
Amphenol Corporation
NPC-1210 AMPHENOL-NPC-1210 Datasheet
71Kb / 4P
High sensitivity
AAS-920-148C AMPHENOL-AAS-920-148C Datasheet
56Kb / 2P
High sensitivity
logo
OmniVision Technologies...
OV9674 OMNIVISION-OV9674 Datasheet
3Mb / 2P
high sensitivity
OV10650 OMNIVISION-OV10650 Datasheet
856Kb / 2P
high sensitivity
logo
CIT Relay & Switch
J099 CIT-J099 Datasheet
132Kb / 2P
High sensitivity
J104D CIT-J104D Datasheet
101Kb / 2P
High sensitivity
logo
Everlight Electronics C...
EAITRAA2 EVERLIGHT-EAITRAA2 Datasheet
767Kb / 10P
High sensitivity
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com