Electronic Components Datasheet Search
  English  ▼

X  

74HC08 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # 74HC08
Description  Quad 2-input AND gate
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC08 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button 74HC08 Datasheet HTML 8Page - NXP Semiconductors 74HC08 Datasheet HTML 9Page - NXP Semiconductors 74HC08 Datasheet HTML 10Page - NXP Semiconductors 74HC08 Datasheet HTML 11Page - NXP Semiconductors 74HC08 Datasheet HTML 12Page - NXP Semiconductors 74HC08 Datasheet HTML 13Page - NXP Semiconductors 74HC08 Datasheet HTML 14Page - NXP Semiconductors 74HC08 Datasheet HTML 15Page - NXP Semiconductors 74HC08 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
2003 Jul 25
12
Philips Semiconductors
Product specification
Quad 2-input AND gate
74HC08; 74HCT08
Family 74HCT08
GND = 0 V; tf = tf = 6 ns; CL =50pF.
AC WAVEFORMS
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
WAVEFORMS
VCC (V)
Tamb =25 °C
tPHL/tPLH
propagation delay nA,
nB to nY
see Figs 7 and 8 4.5
−
14
24
ns
tTHL/tTLH
output transition time
see Figs 7 and 8 4.5
−
715
ns
Tamb = −40 to +85 °C
tPHL/tPLH
propagation delay nA,
nB to nY
see Figs 7 and 8 4.5
−−
30
ns
tTHL/tTLH
output transition time
see Figs 7 and 8 4.5
−−
19
ns
Tamb = −40 to +125 °C
tPHL/tPLH
propagation delay nA,
nB to nY
see Figs 7 and 8 4.5
−−
36
ns
tTHL/tTLH
output transition time
see Figs 7 and 8 4.5
−−
22
ns
handbook, halfpage
MNA726
tPLH
tPHL
VM
VM
90%
10%
VM
VM
nY output
nA, nB input
VI
GND
VOH
VOL
tTLH
tTHL
Fig.7 Waveforms showing the input (nA, nB) to output (nY) propagation delays and the output transition times.
74HC08: VM = 50%; VI = GND to VCC.
74HCT08: VM = 1.3 V; VI = GND to 3 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com