Electronic Components Datasheet Search
  English  ▼

X  

MP5402M Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP5402M
Description  5A, 36V, Frequency Selectable Step-Down Converter with Dual USB Charging Ports
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5402M Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP5402M Datasheet HTML 1Page - Monolithic Power Systems MP5402M Datasheet HTML 2Page - Monolithic Power Systems MP5402M Datasheet HTML 3Page - Monolithic Power Systems MP5402M Datasheet HTML 4Page - Monolithic Power Systems MP5402M Datasheet HTML 5Page - Monolithic Power Systems MP5402M Datasheet HTML 6Page - Monolithic Power Systems MP5402M Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
EV5402M-R-00B, 5A, 36V STEP DOWN CONVERTER WITH DUAL USB PORTS
EV5402M-R-00B Rev. 1.0
www.MonolithicPower.com
2
3/12/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
U
S
B
D-
D+
U
S
B
D-
D+
USB1, 2.4A
R7
NS
USB2, 2.4A
R1
300kΩ
C5
10μF
C1D
10μF
C3
220nF
C1C
10μF
+
C1B
10uF
C4
0.1μF
L1
10μH
C2A
1μF
C2
270μF
C6
10μF
VIN
12V
C1
100uF
4,14
8
20
7
19
9,10,26
3,15,25
1,2
24
23
16,17
21
22
R8
NS
U1
C1A
10uF
R2
NS
JP1
R3
0
C5A
NS
C6A
NS
C2B
NS
+
EV5402M-R-00B BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer Part Number
1
C1
100μF
Aluminum
Electrolytic
Capacitor, 35V, 160mΩ ESR
DIP
Chemi-Con EMZJ35ADA101MF8G
0
C2B,C5A
,C6A
NS
4
C1A,
C1B,
C1C,C1D
10μF
Ceramic Capacitor, 35V, X5R
0805
TDK
C2012X5R1V106K085AC
1
C2
270μF
Polymer Capacitor,6.3V
DIP
JTSE
RN271M6R3C070
1
C2A
1μF
Ceramic Capacitor,16V, X7R
0603
Murata
GRM188R71C105KA12D
1
C3
0.22μF
Ceramic Capacitor,16V, X7R
0603
Murata
GRM188R71C224KA00B
1
C4
0.1μF
Ceramic Capacitor,16V, X7R
0603
Murata
GRM188R71C104KA00B
2
C5, C6
10μF
Ceramic Capacitor,6.3V, X5R
0603
Murata
GRM188R60J106ME47D
1
R1
300kΩ
Film Resistor, 1%
0603
Royal
RL0603FR-07300KL
1
R3
0
Film Resistor, 1%
0603
Royal
RL0603FR-070KL
0
R2,
R7,R8
NS
1
L1
10μH
Inductor, DCR 16mΩ
SMT
Wurth
7443251000
1
USB1/
USB2
USB
Dual USB Ports
Tray
Wurth
61400826021
1
JP1
Jumper
Jumper
DIP
Any
1
U1
MP5402M Step Down Converter
QFN26
(4mmх4mm)
MPS
MP5402M



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com