Electronic Components Datasheet Search
  English  ▼

X  

MP5403 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP5403
Description  High Efficiency Dual Buck and One Load Switch Power Management Unit EV Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5403 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP5403 Datasheet HTML 1Page - Monolithic Power Systems MP5403 Datasheet HTML 2Page - Monolithic Power Systems MP5403 Datasheet HTML 3Page - Monolithic Power Systems MP5403 Datasheet HTML 4Page - Monolithic Power Systems MP5403 Datasheet HTML 5Page - Monolithic Power Systems MP5403 Datasheet HTML 6Page - Monolithic Power Systems MP5403 Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
EV5403-QB-02A
High Efficiency Dual Buck and One Load
Switch Power Management Unit EV Board
EV5403-QB-02A Rev.1.0
www.MonolithicPower.com
1
2/6/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV5403-QB-02A Evaluation Board is
designed to demonstrate the capabilities of
MPS’ MP5403. The MP5403 is a monolithic
power management unit containing two high
efficiency step-down switching converters and a
load switch. The two regulators supply current
up to 3.5A and 2.5A separately and the load
switch supplies up to 3A load current with
extremely low RON resistance. With the input
range up to 6V, the MP5403 is ideal for
powering ASIC and SOC for Solid-State Drive
or other compact power systems.
The MP5403 requires a minimum number of
readily available standard external components
and is available in a small QFN20 (2.5mmx3mm)
package.
ELECTRICAL SPECIFICATION
Parameter
Symbol
Value
Units
Input Voltage
VIN1/ VIN2
2.7 – 6
V
Output
Voltage
VOUT1/VOUT2
1.2/1.2
V
Output
Current
IOUT1/IOUT2
3.5/2.5
A
FEATURES
 Up to 6V Operating Input Range
 Low IQ: 85µA for Two Switchers Totally
 Two Buck Converters:
 3.5A with 55mΩ/20mΩ RDSON
 2.5A with 65mΩ/22mΩ RDSON
 1.5MHz Switching Frequency
 One Load Switch with 20mΩ RON
 3A with 20mΩ RDSON
 Soft Start and Output Discharge
 Over Current Protection
 Input Power Good Indicator with Adjustable
Threshold and Delay
 Thermal Shutdown
 Available in a QFN20 (2.5mmx3mm) Package
APPLICATIONS
 Solid-State Drive
 Portable Instruments
 Battery-Powered Devices
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology”, are Registered Trademarks
of Monolithic Power Systems, Inc.
EV5403-QB-02A EVALUATION BOARD
(L x W x H) 6.5cm x 6.5cm x 1.6cm
Board Number
MPS IC Number
EV5403-QB-02A
MP5403


Similar Part No. - MP5403

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP5403 MPS-MP5403 Datasheet
1Mb / 22P
Configurable 2.7V-6V Mini PMIC with Dual 2.5A/3.5A Buck, One Load Switch, and Input Power Supervisory
MP5403B MPS-MP5403B Datasheet
1Mb / 23P
Mini PMIC with Dual 4A/5A Peak Bucks, One 2A Load Switch, and Input Power Supervisory
MP5403BGQBU MPS-MP5403BGQBU Datasheet
1Mb / 23P
Mini PMIC with Dual 4A/5A Peak Bucks, One 2A Load Switch, and Input Power Supervisory
MP5403GQBU MPS-MP5403GQBU Datasheet
1Mb / 22P
Configurable 2.7V-6V Mini PMIC with Dual 2.5A/3.5A Buck, One Load Switch, and Input Power Supervisory
More results

Similar Description - MP5403

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM10502 TI1-LM10502 Datasheet
932Kb / 35P
Dual Buck LDO Power Management Unit
logo
Monolithic Power System...
EV3900DK-00F MPS-EV3900DK-00F Datasheet
188Kb / 4P
High Efficiency Boost Controller EV Board
EV6902-S-00B MPS-EV6902-S-00B Datasheet
193Kb / 4P
High Efficiency Synchronous Rectification EV Board
EV6903DS-00A MPS-EV6903DS-00A Datasheet
186Kb / 4P
High Efficiency Synchronous Rectification EV Board
EV6905-S-00A MPS-EV6905-S-00A Datasheet
221Kb / 4P
High Efficiency Synchronous Rectification EV Board
EV6906-S-00A MPS-EV6906-S-00A Datasheet
169Kb / 4P
High Efficiency Synchronous Rectification EV Board
EV6920-N-00A MPS-EV6920-N-00A Datasheet
142Kb / 4P
High Efficiency Synchronous Rectification EV Board
EV6922DS-00A MPS-EV6922DS-00A Datasheet
176Kb / 5P
High Efficiency Synchronous Rectification EV Board
EV6923-S-00A MPS-EV6923-S-00A Datasheet
211Kb / 5P
High Efficiency Synchronous Rectification EV Board
EV6924-S-00A MPS-EV6924-S-00A Datasheet
325Kb / 5P
High Efficiency Synchronous Rectification EV Board
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com