Electronic Components Datasheet Search
  English  ▼

X  

MP5507EGRG Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP5507EGRG
Description  7V Energy Storage and Management Unit for SSD Application Evaluation Board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5507EGRG Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP5507EGRG Datasheet HTML 1Page - Monolithic Power Systems MP5507EGRG Datasheet HTML 2Page - Monolithic Power Systems MP5507EGRG Datasheet HTML 3Page - Monolithic Power Systems MP5507EGRG Datasheet HTML 4Page - Monolithic Power Systems MP5507EGRG Datasheet HTML 5Page - Monolithic Power Systems MP5507EGRG Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
EV5507E-RG-00A –ENERGY STORAGE AND MANAGEMENT FOR SSD EV BOARD
EV5507E-RG-00A Rev.1.0
www.MonolithicPower.com
3
4/22/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
EV5507E-RG-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer
Manufacturer P/N
1
L1
1μH
1μH, DCR 4.6mΏ,
Isat 19A
SMD
Wurth
744311110
1
R1
10.7k
Film Res., 1%
0603
Royal
RL0603FR-0710K7L
1
R2
4.02k
Film Res., 1%
0603
Royal
RL0603FR-074K02L
1
R3
200k
Film Res., 1%
0603
Yageo
RC0603FR-07200KL
1
R4
14k
Film Res., 1%
0603
Yageo
RC0603FR-0714KL
1
R5
1.2k
Film Res., 1%
0603
Yageo
RC0603FR-071K2L
2
R6, R7,
100k
Film Res., 1%
0603
Yageo
RC0603FR-07100KL
1
R8
10k
Film Res., 1%
0603
Yageo
RC0603FR-0710KL
2
C1, C4
100nF
Ceramic Cap., 25V,
X7R
0603
Murata
GRM188R71E104KA01D
1
C2B
22μF
Ceramic Cap., 10V,
X5R
1206
Murata
GRM31CR61A226ME19L
2
C2A, C6
1μF
Ceramic
Cap,16V,X7R
0603
Murata
GRM188R71C105KA12D
1
C3A
4.7μF
Ceramic Cap., 25V,
X5R
1206
Murata
C3216X5R1C475K
2
C3B,
C3C
100μF
CD284/25V/100μF
Jianghai
ECR1EXY101M063011
1
C5
10nF
Ceramic Cap., 16V,
X7R
0603
Murata
GRM188R71C103KA01D
1
D1
SMA6J5.0A TVS DIODE
SMA
VISHAT
SMA6J5.0A
1
U1
MP5507E
MP5507EGRG
QFN16-
2.5x3.2mm
MPS
MP5507EGRG



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com