Electronic Components Datasheet Search
  English  ▼

X  

MP6001DN Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP6001DN
Description  Monolithic Buck DC-DC Converter EV Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6001DN Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP6001DN Datasheet HTML 1Page - Monolithic Power Systems MP6001DN Datasheet HTML 2Page - Monolithic Power Systems MP6001DN Datasheet HTML 3Page - Monolithic Power Systems MP6001DN Datasheet HTML 4Page - Monolithic Power Systems MP6001DN Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EV6001DN-00C – MONOLITHIC FLYBACK/FORWARD DC-DC CONVERTER
EV6001DN-00C Rev 1.0
www.MonolithicPower.com
3
3/11/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
EV6001DN-00C BOM LIST
Qty
Ref
Value Description
Package
Manufacturer
Manufacturer P/N
1
C8
100pF
Ceramic Cap 16V X7R
0603
ANY
1
C9
N/S
1
C10
0.1uF
Ceramic Cap 16V, X7R
0603
MuRata
GRM188R71C104KA01D
1
C11
47nF
Ceramic Cap 50V, X7R
0603
MuRata
GRM188R71H473KA61D
1
C12
N/S
1
U1
MPS Regulator
SO8
MPS
MP6001
1
Q1
80V PNP Transistor
SOT-23
On semi
MMBTA56LT1
1
Q2
80V PNP Transistor
SOT-23
On semi
MMBTA56LT1
1
Q3
80V NPN Transistor
SOT-23
On semi
MMBTA06LT1
1
Q4
80V NPN Transistor
SOT-23
On semi
MMBTA06LT1
1
Q5
80V NPN Transistor
SOT-23
On semi
MMBTA06LT1
1
Q6
80V NPN Transistor
SOT-23
On semi
MMBTA06LT1
1
D1
Diode 100V 3A
SMC
On semi
MBRS3100T3
1
D2
Diode 1N4148
SOD323
ANY
1
L1
Inductor 47uH
SMD
Toko
D104C-470M



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com