Electronic Components Datasheet Search
  English  ▼

X  

LTC3122 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3122
Description  15V, 2.5A Synchronous Step-Up DC/DC Converter with Output Disconnect
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3122 Datasheet(HTML) 2 Page - Linear Technology

  LTC3122 Datasheet HTML 1Page - Linear Technology LTC3122 Datasheet HTML 2Page - Linear Technology LTC3122 Datasheet HTML 3Page - Linear Technology LTC3122 Datasheet HTML 4Page - Linear Technology LTC3122 Datasheet HTML 5Page - Linear Technology LTC3122 Datasheet HTML 6Page - Linear Technology LTC3122 Datasheet HTML 7Page - Linear Technology LTC3122 Datasheet HTML 8Page - Linear Technology LTC3122 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LTC3122
2
3122fa
For more information www.linear.com/LTC3122
absoluTe MaxiMuM raTings
VIN Voltage .................................................. –0.3V to 6V
VOUT Voltage ............................................ –0.3V to 18V
SW Voltage (Note 2) .................................. –0.3V to 18V
SW Voltage (Pulsed < 100ns) (Note 2)....... –0.3V to 19V
VC, RT Voltage .......................................... –0.3V to VCC
CAP Voltage
VOUT < 5.7V ............................–0.3V to (VOUT + 0.3V)
5.7V ≤ VOUT ≤ 11.7V......(VOUT – 6V) to (VOUT + 0.3V)
VOUT > 11.7V.................................(VOUT – 6V) to 12V
(Note 1)
12
11
10
9
8
7
13
PGND
1
2
3
4
5
6
CAP
VOUT
SGND
SD
FB
VC
SW
PGND
VIN
PWM/SYNC
VCC
RT
TOP VIEW
DE PACKAGE
12-LEAD (4mm
× 3mm) PLASTIC DFN
TJMAX = 125°C, θJA = 43°C/W (NOTE 5), θJC = 5°C/W
EXPOSED PAD (PIN 13) IS PGND,
MUST BE SOLDERED TO PCB FOR RATED THERMAL PERFORMANCE
1
2
3
4
5
6
SW
PGND
VIN
PWM/SYNC
VCC
RT
12
11
10
9
8
7
CAP
VOUT
SGND
SD
FB
VC
TOP VIEW
13
PGND
MSE PACKAGE
12-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 40°C/W (NOTE 5), θJC = 10°C/W
EXPOSED PAD (PIN 13) IS PGND,
MUST BE SOLDERED TO PCB FOR RATED THERMAL PERFORMANCE
pin conFiguraTion
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3122EDE#PBF
LTC3122EDE#TRPBF
3122
12-Lead (4mm × 3mm) Plastic DFN
–40°C to 125°C
LTC3122IDE#PBF
LTC3122IDE#TRPBF
3122
12-Lead (4mm × 3mm) Plastic DFN
–40°C to 125°C
LTC3122EMSE#PBF
LTC3122EMSE#TRPBF
3122
12-Lead Plastic MSOP
–40°C to 125°C
LTC3122IMSE#PBF
LTC3122IMSE#TRPBF
3122
12-Lead Plastic MSOP
–40°C to 125°C
LTC3122HMSE#PBF
LTC3122HMSE#TRPBF
3122
12-Lead Plastic MSOP
–40°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
All Other Pins............................................... –0.3V to 6V
Operating Junction Temperature Range (Notes 3, 4)
LTC3122E/LTC3122I .......................... –40°C to 125°C
LTC3122H .......................................... –40°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
MSE Lead Temperature (Soldering, 10sec) ...........300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com