Electronic Components Datasheet Search
  English  ▼

X  

LTC3129EMSE Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3129EMSE
Description  15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3關A Quiescent Current
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3129EMSE Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3129EMSE Datasheet HTML 9Page - Linear Technology LTC3129EMSE Datasheet HTML 10Page - Linear Technology LTC3129EMSE Datasheet HTML 11Page - Linear Technology LTC3129EMSE Datasheet HTML 12Page - Linear Technology LTC3129EMSE Datasheet HTML 13Page - Linear Technology LTC3129EMSE Datasheet HTML 14Page - Linear Technology LTC3129EMSE Datasheet HTML 15Page - Linear Technology LTC3129EMSE Datasheet HTML 16Page - Linear Technology LTC3129EMSE Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
LTC3129
13
3129fc
For more information www.linear.com/LTC3129
operaTion
functions of the IC, significantly reducing the quiescent
current of the LTC3129 to just 1.3µA typical. This greatly
improves overall power conversion efficiency when the
output load is light. Since the converter is not operating
in sleep, the output voltage will slowly decay at a rate
determined by the output load resistance and the output
capacitor value. When the output voltage has decayed by
a small amount, typically 1%, the LTC3129 will wake and
resume normal PWM switching operation until the volt-
age on VOUT is restored to the previous level. If the load
is very light, the LTC3129 may only need to switch for a
few cycles to restore VOUT and may sleep for extended
periods of time, significantly improving efficiency. If the
load is suddenly increased above the burst transition
threshold, the part will automatically resume continuous
PWM operation until the load is once again reduced.
A feedforward capacitor on the feedback divider can be
used to reduce Burst Mode VOUT ripple. This is discussed
in more detail in the Applications Information section of
this data sheet.
Note that Burst Mode operation is inhibited until soft-start
is done, the MPPC pin is greater than 1.175V and VOUT
has reached regulation.
Soft-Start
The LTC3129 soft-start circuit minimizes input current
transientsandoutputvoltageovershootoninitialpowerup.
The required timing components for soft-start are internal
to the LTC3129 and produce a nominal soft-start dura-
tion of approximately 3ms. The internal soft-start circuit
slowly ramps the error amplifier output, VC. In doing so,
the current command of the IC is also slowly increased,
starting from zero. It is unaffected by output loading or
output capacitor value. Soft-start is reset by the UVLO on
both VIN and VCC, the RUN pin and thermal shutdown.
VCC Regulator
An internal low dropout regulator (LDO) generates a nomi-
nal 4.1V VCC rail from VIN. The VCC rail powers the internal
control circuitry and the gate drivers of the LTC3129. The
VCC regulator is disabled in shutdown to reduce quiescent
current and is enabled by raising the RUN pin above its
logic threshold. The VCC regulator includes current-limit
protectiontosafeguardagainstaccidentalshort-circuiting
of the VCC rail.
Undervoltage Lockout (UVLO)
There are two undervoltage lockout (UVLO) circuits within
the LTC3129 that inhibit switching; one that monitors VIN
and another that monitors VCC. Either UVLO will disable
operation of the internal power switches and keep other
IC functions in a reset state if either VIN or VCC are below
their respective UVLO thresholds.
The VIN UVLO comparator has a falling voltage threshold
of 1.8V (typical). If VIN falls below this level, IC operation
is disabled until VIN rises above 1.9V (typical), as long as
the VCC voltage is above its UVLO threshold.
The VCC UVLO has a falling voltage threshold of 2.19V
(typical). If the VCC voltage falls below this threshold, IC
operation is disabled until VCC rises above 2.25V (typical)
as long as VIN is above its nominal UVLO threshold level.
Depending on the particular application, either of these
UVLO thresholds could be the limiting factor affecting the
minimuminputvoltagerequiredforoperation.Becausethe
VCC regulator uses VIN for its power input, the minimum
input voltage required for operation is determined by the
VCC minimum voltage, as input voltage (VIN) will always
be higher than VCC in the normal (non-bootstrapped)
configuration. Therefore, the minimum VIN for the part
to startup is 2.25V (typical).
In applications where VCC is bootstrapped (powered
through a Schottky diode by either VOUT or an auxiliary
power rail), the minimum input voltage for operation will
be limited only by the VIN UVLO threshold (1.8V typical).
Please note that if the bootstrap voltage is derived from
the LTC3129 VOUTandnotanindependentpowerrail,then
the minimum input voltage required for initial startup is
still 2.25V (typical).
Note that if either VIN or VCC are below their UVLO thresh-
olds, or if RUN is below its accurate threshold of 1.22V
(typical), then the LTC3129 will remain in a soft shutdown
state, where the VIN quiescent current will be only 1.9µA
typical.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com