Electronic Components Datasheet Search
  English  ▼

X  

M56754 Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M56754
Description  4-CHANNEL ACTUATOR MOTOR DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M56754 Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M56754 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M56754 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M56754 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M56754 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M56754 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M56754 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M56754 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
4-CHANNEL ACTUATOR MOTOR DRIVER
M56754SP
MITSUBISHI <CONTROL / DRIVER IC>
Output Saturation Voltage–Load Current Characteristics
(Vbs=Vm=VCC=5V)
(Vbs=12V,Vm=VCC=5V) at time of Boot strap
:
:
Load current
(mA)
(V)
1
2
3
4
5
100
200
300
400
500
Output H voltage
Voltage between motor drive
terminals
Bottom side saturation voltage
Top side saturation voltage
Output L voltage
0.84
0.89
0.95
1.00
1.05
0.06
0.12
0.18
0.24
0.30
0.07
0.15
0.23
0.31
0.40
Top side saturation voltage
at time of boot strap
Thermal derating
0
25
50
75
100
125
150
Ambient Temperature (Ta) (
˚C)
1.0
2.0
3.0
4.0
5.0
1.75
4.5
With infinite heat sink
Without heat sink



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com