Electronic Components Datasheet Search
  English  ▼

X  

AVHF122 Datasheet(PDF) 12 Page - CIT Relay & Switch

Part # AVHF122
Description  Illuminated Pushbutton - 22, 25, 28 & 30mm
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

AVHF122 Datasheet(HTML) 12 Page - CIT Relay & Switch

Back Button AVHF122 Datasheet HTML 8Page - CIT Relay & Switch AVHF122 Datasheet HTML 9Page - CIT Relay & Switch AVHF122 Datasheet HTML 10Page - CIT Relay & Switch AVHF122 Datasheet HTML 11Page - CIT Relay & Switch AVHF122 Datasheet HTML 12Page - CIT Relay & Switch AVHF122 Datasheet HTML 13Page - CIT Relay & Switch AVHF122 Datasheet HTML 14Page - CIT Relay & Switch AVHF122 Datasheet HTML 15Page - CIT Relay & Switch AVHF122 Datasheet HTML 16Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
www.citrelay.com phone - 763.535.2339
fax - 763.535.2194
Specifications and availability subject to change without notice.
Dimensions shown in mm. Dimensions are shown for reference purposes only.
page 12
Illuminated Pushbutton
DH
Single Pole
Double Pole
+
-
3 1
2
4
LED1
LED2
6.80
[.27]
13.60
[.54]
12.50
[.49]
DOT
Ø30.00
[1.18]
Schematic
Bottom View
Panel Cut-Out
+
-
3 1
2
4
7
5
6
8
LED1
LED2
6.80
[.27]
13.60
[.54]
12.50
[.49]
DOT
Ø30.00
[1.18]
Schematic
Bottom View
Panel Cut-Out
30mm - available in Single Pole & Double Pole
Schematics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com