Electronic Components Datasheet Search
  English  ▼

X  

WPC19A Datasheet(PDF) 7 Page - CIT Relay & Switch

Part # WPC19A
Description  Illuminated Pushbutton - 16mm & 19mm
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

WPC19A Datasheet(HTML) 7 Page - CIT Relay & Switch

Back Button WPC19A Datasheet HTML 2Page - CIT Relay & Switch WPC19A Datasheet HTML 3Page - CIT Relay & Switch WPC19A Datasheet HTML 4Page - CIT Relay & Switch WPC19A Datasheet HTML 5Page - CIT Relay & Switch WPC19A Datasheet HTML 6Page - CIT Relay & Switch WPC19A Datasheet HTML 7Page - CIT Relay & Switch WPC19A Datasheet HTML 8Page - CIT Relay & Switch WPC19A Datasheet HTML 9Page - CIT Relay & Switch WPC19A Datasheet HTML 10Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
www.citrelay.com phone - 763.535.2339
fax - 763.535.2194
Specifications and availability subject to change without notice.
Dimensions shown in mm. Dimensions are shown for reference purposes only.
page 7
Illuminated Pushbutton - 16mm & 19mm
BH
19mm - Terminal Options
9.25
[.36]
[.10]
5.10
[.20]
4.00
[.16]
5.05
[.20]
5.20
[.20]
4.40
[.17]
Ø2.60
11.21
[.44]
6.05
[.24]
2.75
[.11]
0.44
[.02]
7.00
[.28]
5.00
[.20]
5.00
[.20]
Screw Terminals
Solder Lug/ .110” Quick Connect
Schematics
+
-
LED 1
LED 1
-
LED 1
LED 2
+
- C
R
G
B
No LED
Single LED
Dual LED
RGB LED
Ø16.00
[.63]
Ø19.00
[.75]
16mm Panel Cut Out
19mm Panel Cut Out



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com