Electronic Components Datasheet Search
  English  ▼

X  

WPC19Y Datasheet(PDF) 8 Page - CIT Relay & Switch

Part # WPC19Y
Description  Illuminated Pushbutton - 16mm & 19mm
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

WPC19Y Datasheet(HTML) 8 Page - CIT Relay & Switch

Back Button WPC19Y Datasheet HTML 2Page - CIT Relay & Switch WPC19Y Datasheet HTML 3Page - CIT Relay & Switch WPC19Y Datasheet HTML 4Page - CIT Relay & Switch WPC19Y Datasheet HTML 5Page - CIT Relay & Switch WPC19Y Datasheet HTML 6Page - CIT Relay & Switch WPC19Y Datasheet HTML 7Page - CIT Relay & Switch WPC19Y Datasheet HTML 8Page - CIT Relay & Switch WPC19Y Datasheet HTML 9Page - CIT Relay & Switch WPC19Y Datasheet HTML 10Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
www.citrelay.com phone - 763.535.2339
fax - 763.535.2194
Specifications and availability subject to change without notice.
Dimensions shown in mm. Dimensions are shown for reference purposes only.
page 8
Illuminated Pushbutton - 16mm & 19mm
BH
LED Characteristics
LED Ratings
Color
R
Y
G
B
O
W
Units
Reverse Voltage
VR
555555
V
Forward Curent (avg)
IF
25
25
30
30
25
30
mA
Forward Current (peak)
IFS
120
120
160
160
120
160
mA
Reverse Current VR = 5V
IR
10
10
10
10
10
10
μA
Power Dissipation
PT
80
80
120
120
80
120
mW
Operating & Storage Temperature
TA
-40 ~ +85
Cº
Forward Voltage (typ) IF = 20mA
VF
2.1
2.1
3.3
3.3
2.0
3.0
V
Forward Voltage (max) IF = 20mA
VF
2.4
2.5
3.6
3.6
2.3
3.6
V
Wavelength at Peak Emmission IF = 20mA
λP
635
592
516
463
606
n/a
nm
Spectral Line Half-Width IF = 20mA
∆λ
14
12
28
20
12
n/a
nm
Luminous Intensity, IF = 20mA
LI
120
120
170
100
120
700
mcd
Viewing Angle
Θ
145
145
145
145
145
145
deg
16mm - Bezel Detail
Ø13.50
[.53]
1.47
[.06]
20°
Ø17.90
[.70]
1.50
[.06]
Ø17.90
[.70]
Standard Bezel
Straight Bezel
19mm - Bezel Detail
Ø15.93
[.63]
[.86]
2.20
[.09]
28°
Ø21.80
2.20
[.09]
[.86]
Ø21.80
Standard Bezel
Straight Bezel



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com