Electronic Components Datasheet Search
  English  ▼

X  

NX2012SA Datasheet(PDF) 1 Page - NIHON DEMPA KOGYO

Part # NX2012SA
Description  For OA / AV / Mobile Communications
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NDK [NIHON DEMPA KOGYO]
Direct Link  http://www.ndk.com/en
Logo NDK - NIHON DEMPA KOGYO

NX2012SA Datasheet(HTML) 1 Page - NIHON DEMPA KOGYO

  NX2012SA Datasheet HTML 1Page - NIHON DEMPA KOGYO  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Crystal Units
1703B_NX2012SA_e
NX2012SA
For OA / AV / Mobile Communications
Item
Model
NX2012SA
Nominal Frequency
32.768kHz
Operating Temperature Range
−40 to +85°C
Storage Temperature Range
−40 to +85°C
Level of Drive
0.1µW (0.5µW Max.)
Frequency Tolerance (25 ±3 °C)
±20 × 10−6
Turning Point
+25°C ± 5°C
Temperature Coefficient
−0.04 × 10−6/°C2 Max.
Load Capacitance
6.0pF
9.0pF
12.5pF
Equivalent Series Resistance
80kΩ Max.
Shunt Capacitance
1.3pF typ./ 1.5pF Max.
Insulation Resistance
500MΩ Min.
Specifications Number
STD-MUB-3
STD-MUB-2
STD-MUB-1
■ Specifications
Compact, thin, and light weight tuning fork crystal unit.
●Compact and thin. (2.0×1.2×0.55mm)
●Excellent electric performance optimum for mobile communications, OA (office
automation) and AV (audiovisual) applications are exhibited.
●A surface-mount crystal oscillator. (Reflow soldering is possible.)
●RoHS compliant. These can meet the requirements of re-flow profiling using leadfree
solder.
■ Features
mm
Land pattern (Typical)
2.05±0.05
1.00
2.5
1.0
1.0
0.5
0.445
Terminal land connections
(TOP VIEW)
#1
#2
#1
#2
■ Dimensions
Please specify the model name, frequency, and specification number when you order products.
For further questions regarding specifications, please feel free to contact us.


Similar Part No. - NX2012SA

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NX2012SA NDK-NX2012SA Datasheet
236Kb / 1P
Crystal Units, For OA / AV / Mobile Communications
NX2012SA-32.768K-STD NDK-NX2012SA-32.768K-STD Datasheet
680Kb / 1P
Crystal Units
NX2012SA NDK-NX2012SA_15 Datasheet
653Kb / 1P
For OA / AV / Mobile Communications
More results

Similar Description - NX2012SA

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NX2012SA NDK-NX2012SA Datasheet
236Kb / 1P
Crystal Units, For OA / AV / Mobile Communications
NX2012SA NDK-NX2012SA_15 Datasheet
653Kb / 1P
For OA / AV / Mobile Communications
NX2016HA NDK-NX2016HA Datasheet
666Kb / 1P
For OA / AV
NX2520SA NDK-NX2520SA_15 Datasheet
775Kb / 1P
For OA / AV Mobile Communications/ Short-range Wireless
NX3215SA NDK-NX3215SA_15 Datasheet
278Kb / 1P
For OA / AV / Mobile Communication / Automotives
NX3225SA NDK-NX3225SA_15 Datasheet
698Kb / 1P
For OA / AV Mobile Communications/ Short-range Wireless
NX5032GB NDK-NX5032GB_15 Datasheet
296Kb / 1P
For OA / AV
NX3215SA NDK-NX3215SA_18 Datasheet
711Kb / 1P
For OA / AV / Mobile Communication / Automotives
NX2520SA NDK-NX2520SA_16 Datasheet
802Kb / 1P
For OA / AV Mobile Communications/ Short-range Wireless
NX1610SA NDK-NX1610SA_18 Datasheet
750Kb / 1P
For OA / AV / Mobile Communications
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com