Electronic Components Datasheet Search
  English  ▼

X  

ADC78H89 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC78H89
Description  7-Channel, 500 KSPS, 12-Bit A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC78H89 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  ADC78H89 Datasheet HTML 1Page - National Semiconductor (TI) ADC78H89 Datasheet HTML 2Page - National Semiconductor (TI) ADC78H89 Datasheet HTML 3Page - National Semiconductor (TI) ADC78H89 Datasheet HTML 4Page - National Semiconductor (TI) ADC78H89 Datasheet HTML 5Page - National Semiconductor (TI) ADC78H89 Datasheet HTML 6Page - National Semiconductor (TI) ADC78H89 Datasheet HTML 7Page - National Semiconductor (TI) ADC78H89 Datasheet HTML 8Page - National Semiconductor (TI) ADC78H89 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADC78H89 Timing Specifications
The following specifications apply for AV
DD =DVDD = +2.7V to 5.25V, fSCLK = 8 MHz, CL =50pF, Boldface limits apply for
T
A =TMIN to TMAX: all other limits TA = 25˚C.
Symbol
Parameter
Conditions
Typical
Limits
Units
t
1a
SCLK High to CS Fall Setup Time
(Note 10)
10
ns (min)
t
1b
SCLK Low to CS Fall Hold Time
(Note 10)
10
ns (min)
t
2
Delay from CS Until DOUT
TRI-STATE® Disabled
30
ns (max)
t
3
Data Access Time after SCLK
Falling Edge
30
ns (max)
t
4
Data Setup Time Prior to SCLK
Rising Edge
10
ns (max)
t
5
Data Valid SCLK Hold Time
10
ns (max)
t
6
SCLK High Pulse Width
0.4 x
t
SCLK
ns (min)
t
7
SCLK Low Pulse Width
0.4 x
t
SCLK
ns (min)
t
8
CS Rising Edge to DOUT
High-Impedance
20
ns (max)
Note 1: Absolute maximum ratings are limiting values which indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions
for which the device is functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical
Characteristics. The guaranteed specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not
operated under the listed test conditions.
Note 2: All voltages are measured with respect to GND = 0V, unless otherwise specified.
Note 3: When the input voltage at any pin exceeds the power supplies (that is, VIN < AGND or VIN > VA or VD), the current at that pin should be limited to 10 mA.
The 50 mA maximum package input current rating limits the number of pins that can safely exceed the power supplies with an input current of 10 mA to five.
Note 4: The absolute maximum junction temperature (TJmax) for this device is 150˚C. The maximum allowable power dissipation is dictated by TJmax, the
junction-to-ambient thermal resistance (
θJA), and the ambient temperature (TA), and can be calculated using the formula PDMAX=(TJmax − TA)/θJA. The values
for maximum power dissipation listed above will be reached only when the ADC78H89 is operated in a severe fault condition (e.g. when input or output pins are
driven beyond the power supply voltages, or the power supply polarity is reversed). Obviously, such conditions should always be avoided.
Note 5: Human body model is 100 pF capacitor discharged through a 1.5 k
Ω resistor. Machine model is 220 pF discharged through ZERO ohms.
Note 6: See AN450, “Surface Mounting Methods and Their Effect on Product Reliability”, or the section entitled “Surface Mount” found in any post 1986 National
Semiconductor Linear Data Book, for other methods of soldering surface mount devices.
Note 7: Tested limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 8: Data sheet min/max specification limits are guaranteed by design, test, or statistical analysis.
Note 9: Except power supply pins.
Note 10: Clock may be in any state (high or low) when CS is asserted, with the restrictions on setup and hold time given by t1a and t1b.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com