Electronic Components Datasheet Search
  English  ▼

X  

CA12399 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA12399
Description  ~14째 spot beam optimized for Citizen CL-L400. Assembly with holder and installation tape.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA12399 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA12399 Datasheet HTML 1Page - Ledil, Inc. CA12399 Datasheet HTML 2Page - Ledil, Inc. CA12399 Datasheet HTML 3Page - Ledil, Inc. CA12399 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
CA12399_TINA2-RS
TINA2-RS
~14° spot beam optimized for Citizen CL-L400.
Assembly with holder and installation tape.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 16.1 mm
Height
10.5 mm
Fastening
tape
Colour
white
Box size
451 x 241 x 298 mm
Box weight
0 kg
Quantity in Box
4140 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
TINA2-RS
Lens
PMMA
clear
TINA2-HLD-CLL
Holder
PC
white
TINA-TAPE3
Tape
PU tape
black
Last update: 16/05/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CA12399

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA12399 CREE-CA12399 Datasheet
60Kb / 2P
Tina series
More results

Similar Description - CA12399

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA12374 LEDIL-CA12374_18 Datasheet
4Mb / 9P
~14째 spot beam. Assembly with holder and installation tape.
CA12400 LEDIL-CA12400_18 Datasheet
2Mb / 4P
~16째 diffused spot beam optimized for Citizen CL-L400. Assembly with holder and installation tape.
CA12401 LEDIL-CA12401_18 Datasheet
3Mb / 4P
~30째 medium beam optimized for Citizen CL-L400. Assembly with holder and installation tape.
CA12402 LEDIL-CA12402_18 Datasheet
2Mb / 4P
~45째 wide beam optimized for Citizen CL-L400. Assembly with holder and installation tape.
CA12403 LEDIL-CA12403_18 Datasheet
2Mb / 4P
~60째 wide beam optimized for Citizen CL-L400. Assembly with holder and installation tape.
CA12404 LEDIL-CA12404_18 Datasheet
3Mb / 4P
~35째 15째 oval beam optimized for Citizen CL-L400. Assembly with holder and installation tape.
FA10888 LEDIL-FA10888_18 Datasheet
3Mb / 4P
~13째 spot beam optimized for Nichia NS6x83. Assembly with holder and installation tape.
FA11212 LEDIL-FA11212_18 Datasheet
3Mb / 5P
~13째 spot beam optimized for LUXEON Rebel. Assembly with holder and installation tape.
FCA15007 LEDIL-FCA15007_18 Datasheet
4Mb / 4P
~14째 smooth spot beam. Assembly with black holder and installation tape.
CA16127 LEDIL-CA16127_18 Datasheet
6Mb / 9P
~11째 spot beam beam. Assembly with holder and installation tape.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com