Electronic Components Datasheet Search
  English  ▼

X  

ADM4853 Datasheet(PDF) 3 Page - Analog Devices

Part # ADM4853
Description  5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM4853 Datasheet(HTML) 3 Page - Analog Devices

  ADM4853 Datasheet HTML 1Page - Analog Devices ADM4853 Datasheet HTML 2Page - Analog Devices ADM4853 Datasheet HTML 3Page - Analog Devices ADM4853 Datasheet HTML 4Page - Analog Devices ADM4853 Datasheet HTML 5Page - Analog Devices ADM4853 Datasheet HTML 6Page - Analog Devices ADM4853 Datasheet HTML 7Page - Analog Devices ADM4853 Datasheet HTML 8Page - Analog Devices ADM4853 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADM4850–ADM4857
Rev. 0 | Page 3 of 16
SPECIFICATIONS
V = 5 V ± 5%, TA = TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DRIVER
Differential Output Voltage, VOD
VCC
V
R =
∞, Figure 41
2.0
5
V
R = 50 Ω (RS-422), Figure 4
1.5
5
V
R = 27 Ω (RS-485), Figure 4
1.5
5
V
VTST = −7 V to 12 V, Figure 5
∆|VOD| for Complementary Output States
0.2
V
R = 27 Ω or 50 Ω, Figure 4
Common-Mode Output Voltage, VO
3
V
R = 27 Ω or 50 Ω, Figure 4
∆|VO | for Complementary Output States
0.2
V
R = 27 Ω or 50 Ω, Figure 4
Output Short-Circuit Current, VOUT = High
−200
+200
mA
−7 V < VOUT < +12 V
Output Short-Circuit Current, VOUT = Low
−200
+200
mA
−7 V < VOUT < +12 V
DRIVER INPUT LOGIC
CMOS Input Logic Threshold Low
1.4
0.8
V
CMOS Input Logic Threshold High
2.0
1.4
V
CMOS Logic Input Current (DI)
±1
µA
DE Input Resistance to GND
220
kΩ
RECEIVER
Differential Input Threshold Voltage, VTH
−200
−125
−30
mV
−7 V < VM < +12 V
Input Hysteresis
20
mV
−7 V < VM < +12 V
Input Resistance (A, B)
96
150
kΩ
−7 V < VM < +12 V
Input Current (A, B)
0.125
mA
VIN = +12 V
−0.1
mA
VIN = −7 V
CMOS Logic Input Current (RE)
±1
µA
CMOS Output Voltage Low
0.4
V
IOUT = +4 mA
CMOS Output Voltage High
4.0
V
IOUT = −4 mA
Output Short Circuit Current
7
85
mA
VOUT = GND or VCC
Three-State Output Leakage Current
±2
µA
0.4 V ≤ VOUT ≤ 2.4 V
POWER SUPPLY CURRENT
I (115 kbps Options)
5
µA
DE = 0 V, RE = VCC (shutdown)
36
60
µA
DE = 0 V, RE = 0 V
100
160
µA
DE = VCC
I (500 kbps Options)
5
µA
DE = 0 V, RE = VCC (shutdown)
80
120
µA
DE = 0 V, RE = 0 V
120
200
µA
DE = VCC
I (2.5 Mbps Options)
5
µA
DE = 0 V, RE = VCC (shutdown)
250
400
µA
DE = 0 V, RE = 0 V
320
500
µA
DE = VCC
I (10 Mbps Options)
5
µA
DE = 0 V, RE = VCC (shutdown)
250
400
µA
DE = 0 V, RE = 0 V
320
500
µA
DE = VCC
1 Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com